công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M3H2805D bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện M3H2805D
Giải thích chi tiết về linh kiện  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

M3H2805D bảng dữ liệu(HTML) 2 Page - International Rectifier

  M3H2805D Datasheet HTML 1Page - International Rectifier M3H2805D Datasheet HTML 2Page - International Rectifier M3H2805D Datasheet HTML 3Page - International Rectifier M3H2805D Datasheet HTML 4Page - International Rectifier M3H2805D Datasheet HTML 5Page - International Rectifier M3H2805D Datasheet HTML 6Page - International Rectifier M3H2805D Datasheet HTML 7Page - International Rectifier M3H2805D Datasheet HTML 8Page - International Rectifier M3H2805D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
M3H-SERIES
The M3H-Series converters utilize a single forward
topology with resonant reset. The nominal switching
frequency is 500kHz. Electrical isolation and tight
output regulation are achieved through the use of a
magnetically coupled feedback. Voltage feed-forward
provides high line rejection.
Circuit Description
An internal EMI filter allows the converter to meet the
conducted emissions requirements of MIL-STD-461C
on the input power leads. A two-stage output filter
reduces the typical output ripple to less than 20mV
peak-to-peak.
Output current is limited under any load fault condition
to approximately 125% of rated. An overload
condition causes the converter output to behave like
a constant current source with the output voltage
dropping below nominal. The converter will resume
normal operation when the load current is reduced
below the current limit point. This protects the
converter from both overload and short circuit
conditions. The current limit point exhibits a slightly
negative temperature coefficient to reduce the
possibility of thermal runaway.
An under-voltage lockout circuit prohibits the
converter from operating when the line voltage is too
low to maintain the output voltage. The converter will
not start until the line voltage rises to approximately
17 volts and will shut down when the input voltage
drops below 16 volts. The one volt of hysteresis
reduces the possibility of line noise interfering with
the converter’s start-up and shut down.
An external inhibit port is provided to control converter
operation. The converter’s operation is inhibited
when this pin is pulled low. It is intended to be driven
by an open collector logic device. The pin may be
left open for normal operation and has a nominal
open circuit voltage of 10.5V with respect to the input
return (pin 2).
Single output models feature remote sense to
automatically correct for voltage drops between the
converter output anf the load. The output voltage of
dual output models can be adjusted using a single
external resistor.
Design Methodology
The M3H-Series was developed using a proven
conservative design methodology which includes
selecting radiation tolerant and established reliability
components and fully derating to the requirements
of MIL-STD-975 and MIL-STD-1547. Heavy derating
of the power MOSFET gate and drain voltages
minimize the possibility of SEGR and SEB. A
magnetic feedback circuit is utilized instead of opto-
couplers to minimize temperature, radiation and
aging sensitivity. PSPICE was used extensively to
predict and optimize circuit performance for both
beginning and end-of-life. Thorough design
analyses include Radiation Susceptibility ( TREE ),
Stress, Thermal, and Reliability ( MTBF ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com