công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

335K100RA4 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện 335K100RA4
Giải thích chi tiết về linh kiện  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

335K100RA4 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  335K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 335K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE 6 • Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
Angstor® Capacitor Application Notes
ITW Paktron developed the highly advanced Interleaf
®
Technology method of capacitor manufacturing to improve
device electrical properties and stability in actual use condi-
tions. As opposed to the conventional winding method,
Interleaf® Technology uses a high laminating pressure,
linear stacking technology. The resulting capacitor chip is a
construction hybrid resembling a multilayer ceramic capaci-
tor in cross section, while offering all the fail-safe advan-
tages of a stacked plastic film capacitor. We refer to the
resultant parts as MLP or multilayer polymer. The Angstor®
Capacitor (or RA Style) is a self-encased, metallized film
capacitor which features small size, high dv/dt capability
and very low ESR at high frequency.
Intended for thru-hole and wired applications, the units
feature all aluminum electrodes and terminals that are pulse
welded to the lead wires. The units are back impregnated
with a microcrystalline polymer sealant, and require no
external coatings for moisture protection. The internal layers
are heavily laminated to eliminate air from the core material
which improves high frequency response compared to com-
petitive units. Operating temperature limit is extended to125
degrees C.
The following are a few examples of applications
wherein the Angstor’s unique features have
proven desirable:
HIGH FREQUENCY SWITCHING POWER INPUTS
As the modern power converter broke the 100 KHz
switching frequency barrier, the ripple voltage and RFI con-
trol components changed drastically. On the input side of 48
volt converters, a low ESR and ESL capacitor is needed in
the pi filter network to control EMI generated by the switch-
ing MOSFET. Metallized film capacitors should be used
because of the voltage bias and due to the unit’s
ability to “clear” during a high voltage event, rather than
short out like a common MLC capacitor. Electrolytic (alumi-
num and tantalum) capacitors are not useful because of
their extremely high parasitic resistance and inductance.
Under ripple voltage the Angstor is stable, while ceramic
capacitors increase in loss factor, creating incremental I2R
losses.
LINE AND DATA LINE NOISE SUPPRESSION
A 250 volt Angstor will not lose value due to the bias volt-
age and can be used on higher voltage lines as a differential
noise bypass for RFI control. High input dv/dt up to 100 volts
per micro second can be handled. In modems, the Angstor
is a space efficient alternative to other input current control
devices. Since the capacitor body is “plastic” there exists no
piezoelectric emf due to input di/dt.
EMI/RFI SUPPRESSION
Noise suppression is required on a variety of motors and
field effect devices close to the offending source to minimize
RFI on the voltage bus. Noise or transients emanating from
switched state motors or inductors require a low ESR
capacitor as part of the filtering arrangement. The Angstor is
an excellent choice for these 12, 36 and 48 volt bus-rails
because of its small size compared to other film capacitors
and better ESR and reliability than ceramic capacitors. As
the automotive bus voltage rises from 12 to 36/42 volts, this
technology will replace many ceramic and tantalum capaci-
tors because of its enhanced voltage coefficient (stability).
GRACEFUL AGING
There exists no chemical interactions within the MLP
Capacitor to effect long term life. The parts are suitable
for 10 to 20 year life applications due to their stability and
inherently low loss. The polymer dielectric becomes more
crystalline over long periods of time, which can gradually
lower the capacitance value. The thin-film metallized elec-
trodes are capable of “self healing” under high voltage
events. This feature avoids the shorting, cracking and rapid
heat generation problem often found in ceramic capacitors.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com