| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGS4615DPBF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGS4615DPBF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 12 page ![]() IRGS/B4615DPbF 10 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback October 25, 2013 TO-220AB packages are not recommended for Surface Mount Application. TO-220AB Package Outline (Dimensions are shown in millimeters (inches)) TO-220AB Part Marking Information INTERNATIONAL PART NUMBER RECTIFIER LOT CODE AS SEMBLY LOGO YEAR 0 = 2000 DATE CODE WEEK 19 LINE C LOT CODE 1789 EXAMPLE: T HIS IS AN IRF1010 Note: "P" in assembly line position indicates "Lead - Free" IN THE ASS EMBLY LINE "C" ASSEMBLED ON WW 19, 2000 Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ |