| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5V-USB bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P5V-USB bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 17 page ![]() Freescale Semiconductor, Inc FRDM-KL46Z Page 13 of 17 FRDM-KL46Z is using a 4 digit display (LUMEX LCD-S401M16KR) 4x8 segments. following table shows connection from KL46 to s401 display. Table 4. sLCD connections s401 pin KL46 LCD Pin 1 LCD_P40 (COM0) 2 LCD_P52 (COM1) 3 LCD_P19 (COM2) 4 LCD_P18 (COM3) 5 LCD_P37 6 LCD_P17 7 LCD_P7 8 LCD_P8 9 LCD_P53 10 LCD_P38 11 LCD_P10 12 LCD_P11 Figure 6 s401 segments layout 5.1.9 Capacitive Touch Slider Two Touch Sense Input (TSI) signals, TSI0_CH9/PTB16, and TSI0_CH10/PTB17 are connected to capacitive electrodes configured as a touch slider. Freescale’s Touch Sense Software (TSS) provides a software library for implementing the capacitive touch slider. 5.1.10 Three-axis Accelerometer A Freescale MMA8451Q low-power, three-axis accelerometer is interfaced through an I2C bus and two GPIO signals as shown in Table 5 below. By default, the I2C address is 0x1D (SA0 pulled high). Table 5. Accelerometer Signal Connections MMA8451Q KL46 SCL PTE25/TPM0_CH1/I2C0_SDA SDA PTE24/TPM0_CH0/I2C0_SCL INT1_ACCEL PTC5/LLWU_P9 INT2 _ACCEL PTD1 (shared with INT2_MAG) |