| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4841-1YRZ bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4841-1YRZ bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 32 page ![]() EVAL-AD7903SDZ User Guide UG-609 Rev. 0 | Page 13 of 32 HOW TO USE THE SOFTWARE SETTING UP THE SYSTEM FOR DATA CAPTURE: BOARD OPERATION/CONNECTION SEQUENCE With the evaluation software installed, the following board operation/connection sequence can be used: 1. Connect the SDP controller board to the evaluation board with the J5 connector (screw into place as required). The software is configured to find the evaluation board on either the J4 or J5 connector of the SDP board. 2. Power the board with the appropriate supply, as described in the Power Supplies section. 3. Connect the EVAL-SDP-CB1Z board to a PC using the USB cable. 4. Start the evaluation software. Click Start >All Programs > AD7903_03_Evaluation > AD7903_03_Evaluation_ Software. 5. Apply a signal source and capture data. STARTING THE SOFTWARE When the software starts running, it searches for hardware connected to the PC. The software automatically detects the generic attached to the PC, or you can choose to run the software in standalone mode without any hardware connected. With Hardware Connected To run the program with hardware connected, 1. Click Start > All Programs > AD7903_03_Evaluation > AD7903_03_Evaluation_Software. (To uninstall the program, click Start > Control Panel > Add or Remove Programs > AD7903_03_Evaluation.) 2. If the SDP board is not connected to the USB port when the software is launched, a connectivity error displays (see Figure 17). If a connectivity error is displayed, connect the evaluation board to the USB port of the PC, wait a few seconds, click Rescan, and follow the instructions. Figure 17. SDP Board Not Connected to the USB Port Pop-Up Window Error 3. After finding the evaluation board, the software connects to the board and displays the dialog box shown in Figure 18. Figure 18. Software Connects to SDP Board 4. After the board is correctly detected, the main window of the software appears (see Figure 21), showing that the EVAL-AD7903SDZ board is connected. Without Hardware Connected The software can run in standalone mode when no evaluation board hardware is connected to the USB port. 1. Click Start > All Programs > AD7903_03_Evaluation > AD7903_03_Evaluation_Software. 2. The software automatically seeks to find the hardware connected; therefore, when no hardware is connected, a connectivity error is displayed (see Figure 19). If you wish to continue without hardware in standalone mode, click Cancel. Figure 19. No Hardware Connected Pop-Up Window Error 3. The software alerts the user that no hardware is connected and that the software is going to continue in standalone mode. Figure 20. Software Indicates Operating in Standalone Mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |