| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2131 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2131 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 45 page ![]() LPC2131_32_34_36_38 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5.1 — 29 July 2011 3 of 45 NXP Semiconductors LPC2131/32/34/36/38 Single-chip 16/32-bit microcontrollers 3.1 Ordering options Table 2. Ordering options Type number Flash memory RAM ADC DAC Enhanced UARTs, ADC, Fast I/Os, and BOD Temperature range LPC2131FBD64/01 32 kB 8 kB 1 - yes 40 C to +85 C LPC2132FBD64/01 64 kB 16 kB 1 1 yes 40 C to +85 C LPC2132FHN64/01 64 kB 16 kB 1 1 yes 40 C to +85 C LPC2134FBD64/01 128 kB 16 kB 2 1 yes 40 C to +85 C LPC2136FBD64/01 256 kB 32 kB 2 1 yes 40 C to +85 C LPC2138FBD64/01 512 kB 32 kB 2 1 yes 40 C to +85 C LPC2138FHN64/01 512 kB 32 kB 2 1 yes 40 C to +85 C |