| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1768 bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1768 bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 86 page ![]() LPC1769_68_67_66_65_64_63 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2014. All rights reserved. Product data sheet Rev. 9.3 — 8 January 2014 29 of 86 NXP Semiconductors LPC1769/68/67/66/65/64/63 32-bit ARM Cortex-M3 microcontroller 8.16 UARTs The LPC17xx each contain four UARTs. In addition to standard transmit and receive data lines, UART1 also provides a full modem control handshake interface and support for RS-485/9-bit mode allowing both software address detection and automatic address detection using 9-bit mode. The UARTs include a fractional baud rate generator. Standard baud rates such as 115200 Bd can be achieved with any crystal frequency above 2 MHz. 8.16.1 Features • Maximum UART data bit rate of 6.25 Mbit/s. • 16 B Receive and Transmit FIFOs. • Register locations conform to 16C550 industry standard. • Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B. • Built-in fractional baud rate generator covering wide range of baud rates without a need for external crystals of particular values. • Auto baud capabilities and FIFO control mechanism that enables software flow control implementation. • UART1 equipped with standard modem interface signals. This module also provides full support for hardware flow control (auto-CTS/RTS). • Support for RS-485/9-bit/EIA-485 mode (UART1). • UART3 includes an IrDA mode to support infrared communication. • All UARTs have DMA support. 8.17 SPI serial I/O controller The LPC17xx contain one SPI controller. SPI is a full duplex serial interface designed to handle multiple masters and slaves connected to a given bus. Only a single master and a single slave can communicate on the interface during a given data transfer. During a data transfer the master always sends 8 bits to 16 bits of data to the slave, and the slave always sends 8 bits to 16 bits of data to the master. 8.17.1 Features • Maximum SPI data bit rate of 12.5 Mbit/s • Compliant with SPI specification • Synchronous, serial, full duplex communication • Combined SPI master and slave • Maximum data bit rate of one eighth of the input clock rate • 8 bits to 16 bits per transfer 8.18 SSP serial I/O controller The LPC17xx contain two SSP controllers. The SSP controller is capable of operation on a SPI, 4-wire SSI, or Microwire bus. It can interact with multiple masters and slaves on the bus. Only a single master and a single slave can communicate on the bus during a given |