công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP8900TLE-3333 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LP8900TLE-3333
Giải thích chi tiết về linh kiện  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-3333 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LP8900TLE-3333 Datasheet HTML 1Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 2Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 3Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 4Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 5Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP8900
VIN
GND
VIN
VEN 1
VOUT 1
1.0 PF
VOUT 2
VEN 2
VEN 1
VEN 2
VOUT 2
VOUT 1
CIN
COUT 1
COUT 2
1.0 PF
1.0 PF
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
LP8900 Ultra Low Noise, Dual 200mA Linear Regulator
for RF/Analog Circuits
Check for Samples: LP8900
1
FEATURES
PACKAGE
2
•
Operation from 1.8V to 5.5V Input
•
6-bump DSBGA (1.5mm x 1.1mm)
•
1% Accuracy Over Temperature
DESCRIPTION
•
Output Voltage from 1.2V to 3.6V
The LP8900 is a dual linear regulator capable of
•
6-µVRMSOutput Voltage Noise
supplying 200 mA output current per regulator.
•
PSRR 75 dB at 1kHz
Designed to meet the requirements of RF/Analog
circuits, the LP8900 provides low device noise, High
•
110 mV Dropout at 200 mA Load
PSRR, low quiescent current and superior line
•
48 µA Quiescent Current per Regulator
transient response figures.
•
80 µs Startup Time
Using new innovative design techniques the LP8900
•
Stable with Ceramic Capacitors as Small as
offers class-leading device noise performance without
0402
a noise bypass capacitor.
•
Thermal-Overload and Short-Circuit Protection
The LP8900 is designed to be stable with space
saving ceramic capacitors as small as 0402 case
APPLICATIONS
size, enabling a solution size <4mm 2.
•
Battery Operated Devices
Performance is specified for a –40°C to 125°C
•
Hand-Held Information Appliances
junction temperature range.
•
Noise Sensitive RF Applications
Output voltage options are available between 1.2V
•
DC/DC Convertor Post Regulation/Filter
and 3.6V, for availability please contact your local TI
sales office.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LP8900TLE-3333

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP8900TLE-3333 TI2-LP8900TLE-3333 Datasheet
667Kb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
REVISED JUNE 2016
LP8900TLE-3333/NO.A TI2-LP8900TLE-3333/NO.A Datasheet
667Kb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
REVISED JUNE 2016
LP8900TLE-3333/NOPB TI1-LP8900TLE-3333/NOPB Datasheet
1Mb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
LP8900TLE-3333/NOPB TI2-LP8900TLE-3333/NOPB Datasheet
667Kb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
REVISED JUNE 2016
More results

Mô tả tương tự - LP8900TLE-3333

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP8900 TI1-LP8900 Datasheet
1Mb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com