| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBU61101 bảng dữ liệu(PDF) 2 Page - MPS Industries, Inc. |
|
|
|||||||||||||||||||||||||||||
SBU61101 bảng dữ liệu(HTML) 2 Page - MPS Industries, Inc. |
|
2 / 2 page ![]() SBU61 SERIES 63W Open Frame Switching Power Supplies For I.T.E. Output Voltage And Current Rating Chart (Single Output) : Model Number Output Voltage Output Current Total Regulation Maximum Output Power SBU61-101 03 ~ 05 VDC 16.6 ~ 10.0 A 5% 50W SBU61-102 05 ~ 06 VDC 11.0 ~ 9.16 A 5% 55W SBU61-103 06 ~ 08 VDC 10.0 ~ 7.50 A 4% 60W SBU61-104 08 ~ 11 VDC 7.87 ~ 5.72 A 3% 63W SBU61-105 11 ~ 13 VDC 5.72 ~ 4.84 A 3% 63W SBU61-106 13 ~ 16 VDC 4.84 ~ 3.93 A 3% 63W SBU61-107 16 ~ 21 VDC 3.93 ~ 3.00 A 3% 63W SBU61-108 21 ~ 27 VDC 3.00 ~ 2.33 A 2% 63W SBU61-109 27 ~ 33 VDC 2.33 ~ 1.90 A 2% 63W SBU61-110 33 ~ 40 VDC 1.90 ~ 1.57 A 2% 63W SBU61-111 40 ~ 50 VDC 1.57 ~ 1.26 A 2% 63W Output Voltage And Current Rating Chart ( Multi Output ) : Mechanical Specifications : Note: 1. Dimensions are shown in mm. 2. Weight: 250gs approx. 3. Input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal. 4. Output connector mates with Molex housing 09-50-3061 (or 09-50-3081) and Molex 2878 inches or series crimp terminal. Output #1 Output #2 Output #3 Output #4 Model Number Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Maximum Output Powe r SBU61-200 +3.3V 1.4A 7A 7% +12V 0.6A 3A 5% 59.1W SBU61-201 +5V 0.7A 7A 5% +12V 0.3A 3A 5% 63W SBU61-202 +5V 0.7A 7A 5% +15V 0.3A 3A 5% 63W SBU61-203 +5V 0.7A 7A 5% +24V 0.4A 2A 5% 63W SBU61-204 +3.3V 1.4A 7A 7% +5V 0.5A 5A 5% 48.1W SBU61-215 +5V 0.7A 7A 5% -24V 0.2A 2A 5% 63W SBU61-218 +3.3V 0.5A 5A 7% +48V 0.1A 1.25A 5% 63W SBU61-219 +5V 0.1A 5A 5% +28V 0.2A 2A 5% 63W SBU61-220 +5V 0.5A 5A 5% +35V 0.1A 1.5A 5% 63W SBU61-221 +5V 0.5A 5A 5% +36V 0.1A 1.5A 5% 63W SBU61-300 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% 63W SBU61-300-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% 63W SBU61-301 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -5V 0A 0.8A 5% 63W SBU61-301-1 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +5V 0A 0.8A 5% 63W SBU61-302 +5V 0.6A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% 63W SBU61-302-1 +5V 0.6A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% 63W SBU61-303 +5V 0.6A 6A 5% +15V 0.3A 3A 5% -15V 0A 0.8A 5% 63W SBU61-303-1 +5V 0.6A 6A 5% +15V 0.3A 3A 5% +15V 0A 0.8A 5% 63W SBU61-304 +5V 1.2A 6A 5% +24V 0.4A 2A 5% -24V 0A 0.5A 5% 63W SBU61-304-1 +5V 1.2A 6A 5% +24V 0.4A 2A 5% +24V 0A 0.5A 5% 63W SBU61-305 +5V 1.2A 6A 5% +24V 0.4A 2A 5% -12V 0A 0.8A 5% 63W SBU61-305-1 +5V 1.2A 6A 5% +24V 0.4A 2A 5% +12V 0A 0.8A 5% 63W SBU61-306 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -5V 0A 0.8A 5% 59.8W SBU61-306-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +5V 0A 0.8A 5% 59.8W SBU61-307 +5V 0.6A 6A 5% +10V 0.2A 2A 5% -10V 0A 1A 5% 60W SBU61-307-1 +5V 0.6A 6A 5% +10V 0.2A 2A 5% +10V 0A 1A 5% 60W SBU61-308 +3.3V 0.5A 5A 7% +5V 0.5A 5A 5% +12V 0A 1A 5% 53.5W SBU61-308-1 +3.3V 0.5A 5A 7% +5V 0.5A 5A 5% -12V 0A 1A 5% 53.5W SBU61-400 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-400-1 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% -12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-400-2 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-400-3 +3.3V 1.2A 6A 7% +12V 0.6A 3A 5% +12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-401 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-401-1 +5V 0.6A 6A 5% +12V 0.3A 3A 5% -12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-401-2 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +12V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-401-3 +5V 0.6A 6A 5% +12V 0.3A 3A 5% +12V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-402 +5V 1.2A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% +12V 0A 0.8A 5% 63W SBU61-402-1 +5V 1.2A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% +12V 0A 0.8A 5% 63W SBU61-402-2 +5V 1.2A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% -12V 0A 0.8A 5% 63W SBU61-402-3 +5V 1.2A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% -12V 0A 0.8A 5% 63W SBU61-403 +5V 1.2A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% +24V 0A 0.8A 5% 63W SBU61-403-1 +5V 1.2A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% +24V 0A 0.8A 5% 63W SBU61-403-2 +5V 1.2A 6A 5% +12V 0.6A 3A 5% +12V 0A 0.8A 5% -24V 0A 0.8A 5% 63W SBU61-403-3 +5V 1.2A 6A 5% +12V 0.6A 3A 5% -12V 0A 0.8A 5% -24V 0A 0.8A 5% 63W SBU61-404 +5V 0.6A 6A 5% +15V 0.3A 3A 5% -15V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-404-1 +5V 0.6A 6A 5% +15V 0.3A 3A 5% -15V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-404-2 +5V 0.6A 6A 5% +15V 0.3A 3A 5% +15V 0A 0.8A 5% -5V 0A 0.8A 5% 63W SBU61-404-3 +5V 0.6A 6A 5% +15V 0.3A 3A 5% +15V 0A 0.8A 5% +5V 0A 0.8A 5% 63W SBU61-423 +5V 0.1A 1A 5% +24V 0.18A 1.8A 5% -15V 0A 0.1A 5% +12V 0A 0.8A 5% 59.3W PIN CHART MODEL PIN SBU61-1XX 1 2 3 4 5 6 7 8 OUT RTN RTN RTN Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3 Vo4:Output#4 OUT OUT SBU61-2XX SBU61-3XX SBU61-4XX Vo2 Vo2 Vo1 Vo1 Vo1 Vo1 COM COM COM COM Vo3 N/C Vo2 Vo1 Vo1 COM COM Vo3 Vo4 Vo4 |