công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFL2803R3SWES bảng dữ liệu(PDF) 3 Page - International Rectifier

tên linh kiện AFL2803R3SWES
Giải thích chi tiết về linh kiện  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AFL2803R3SWES bảng dữ liệu(HTML) 3 Page - International Rectifier

  AFL2803R3SWES Datasheet HTML 1Page - International Rectifier AFL2803R3SWES Datasheet HTML 2Page - International Rectifier AFL2803R3SWES Datasheet HTML 3Page - International Rectifier AFL2803R3SWES Datasheet HTML 4Page - International Rectifier AFL2803R3SWES Datasheet HTML 5Page - International Rectifier AFL2803R3SWES Datasheet HTML 6Page - International Rectifier AFL2803R3SWES Datasheet HTML 7Page - International Rectifier AFL2803R3SWES Datasheet HTML 8Page - International Rectifier AFL2803R3SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
AFL2803R3S
Elecrical Performance Characteristics (Continued)
Notes to Specifications:
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within
±1.0% of
VOUT at 50% load.
3.
Line transient transition time
≥ 100µs.
4.
Turn-on delay is measured with an input voltage rise time of between 100V and 500V per millisecond.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥ 10µs.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
ENABLE INPUTS (Inhibit Function)
Converter Off
Sink Current
Converter On
Sink Current
1, 2, 3
1, 2, 3
Logical Low, Pin 4 or Pin 12
Note 1
Logical High, Pin 4 and Pin 12 - Note 9
Note 1
-0.5
2.0
0.8
100
50
100
V
µA
V
µA
SYNCHRONIZATION INPUT
Frequency Range
Pulse Amplitude, Hi
Pulse Amplitude, Lo
Pulse Rise Time
Pulse Duty Cycle
1, 2, 3
1, 2, 3
1, 2, 3
Note 1
Note 1
500
2.0
-0.5
20
700
10
0.8
100
80
KHz
V
V
ns
%
LOAD TRANSIENT RESPONSE
Amplitude
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Note 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
-450
-450
450
200
450
400
mV
µs
mV
µs
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Note 1, 2, 3
VIN Step = 80 ⇔ 160 Volts
-500
500
500
mV
µs
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
VIN = 16, 28, 40 Volts,. Note 4
Enable 1, 2 on. (Pins 4, 12 high or open)
250
10
mV
ms
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461, CS101, 30Hz to 50KHz
Note 1
40
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com