| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95160 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95160 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 47 page ![]() Signal description M95160 M95160-W M95160-R M95160-DF 10/47 DocID022580 Rev 5 3.6 Write Protect (W) The main purpose of this input signal is to freeze the size of the area of memory that is protected against Write instructions (as specified by the values in the BP1 and BP0 bits of the Status Register). This pin must be driven either high or low, and must be stable during all Write instructions. 3.7 VCC supply voltage VCC is the supply voltage. 3.8 VSS ground VSS is the reference for all signals, including the VCC supply voltage. |