công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

60FD14 bảng dữ liệu(PDF) 2 Page - Hammond Manufacturing Ltd.

tên linh kiện 60FD14
Giải thích chi tiết về linh kiện  Panneaux int챕rieurs pour armoires autoportantes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

60FD14 bảng dữ liệu(HTML) 2 Page - Hammond Manufacturing Ltd.

  60FD14 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 60FD14 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double Door Width Panels
Steel
Galv. Steel
Part No. Part No.
Description Enclosure
Panel
Size
60A WFW 60A WFWG Full Panel
60 x 48
48.00 x 44
60A WHW 60A WHWG Half Panel
24.88 x 44
72ZWFW 72ZWFWG Full Panel
72 x 48
60.00 x 44
72ZWHW 72ZWHWG Half Panel
30.88 x 44
72ZXFW 72ZXFWG Full Panel
72 x 60
60.00 x 56
72ZXHW 72ZXHWG Half Panel
30.88 x 56
72ZYFW
72ZYFWG
Full Panel
72 x 72
60.00 x 68
72ZYHW 72ZYHWG Half Panel
30.88 x 68
90BWFW 90BWFWG Full Panel
90 x 48
78.00 x 44
90BWHW 90BWHWG Half Panel
39.88 x 44
90BYFW
90BYFWG
Full Panel
90 x 72
78.00 x 68
90BYHW 90BYHWG Half Panel
39.88 x 68
Depth Panels
Part
No.
Encl.
Encl.
Panel Panel
Height
Min
Depth
W
H
60FD14 60.00
18.00
14.00 48.00
72FD9
72.00
18.00
9.00 60.00
72FD14 72.00
18.00
14.00 60.00
72FD20 72.00
24.00
20.00 60.00
72FD26 72.00
36.00
26.00 60.00
90FD9
90.00
18.00
9.00 78.00
90FD14 90.00
18.00
14.00 78.00
90FD20 90.00
24.00
20.00 78.00
90FD26 90.00
36.00
26.00 78.00
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2