| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6924UTR bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6924UTR bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 37 page ![]() Operation description L6924U 16/37 Doc ID 14716 Rev 2 Equation 5 In conclusion, the advantage of the linear charging approach is that the designer has direct control of the charge current, and consequently the application can be very simple. The drawback is the high power dissipation. The advantage of the quasi-pulse charging method is that the power dissipated is dramatically reduced. The drawback is that a dedicated upstream adapter is required. LIM BAT ADP DIS I ) V V ( P × − = |