| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRN299 bảng dữ liệu(PDF) 3 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
PRN299 bảng dữ liệu(HTML) 3 Page - California Micro Devices Corp |
|
3 / 3 page ![]() © 2000 California Micro Devices Corp. All rights reserved. 3/00 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com CALIFORNIA MICRO DEVICES PRN299 3 Typical Connection Diagram A resistor may be necessary between the V CC3 pin and ground if protection against a stream of ESD pulses is required while the PAC VGA200 is in the power-down state. The value of this resistor should be chosen such that the extra charge deposited into the V CC3 bypass capacitor by each ESD pulse will be discharged before the next ESD pulse occurs. The maximum ESD repetition rate specified by the IEC-61000-4-2 standard is one pulse per second. When the PAC VGA200 is in the power-up state, an internal discharge resistor is connected to ground via an FET switch for this purpose. For the same reason, V CC1 and VCC4 may also require bypass capacitor discharging resistors to ground if there are no other components in the system to provide a discharge path to ground. GNDA, the reference voltage for the 75R resistors is not connected internally to GNDD and should ideally be connected to the ground of the video DAC IC. T S R A D N A N O I T A M R O F N I G N I R E D R O T R A P D e g a k c a Pr e b m u N t r a P g n i r e d r O s n i Pe l y t Sg n i k r a M t r a P 4 2P O S QQ 0 0 2 A G V C A P When placing an order please specify desired shipping: Tubes or Tape & Reel. |