| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V613ME16 bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
V613ME16 bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 1725 1745 1765 1785 1805 1825 1845 1865 1885 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module V613ME16 A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -30 70 25 -30 70 25 0 1 2 3 4 5 6 7 8 1751 1768 1782 1795 1807 1818 1829 1840 1851 1861 FREQUENCY (MHz) Z-COMM XXXXXXXX-LF W/O# D/C 0.100 MINI-16-UL 0.085 MINI-16-EL PACKAGE H MINI-16 0.220 0.160 MINI-16-LOW 0.130 MINI-16-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND Physical Dimensions |