| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC-ME-9210-NET bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DC-ME-9210-NET bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Digi JumpStart Kits® Overview Digi JumpStart Kit® for NET+OS Digi JumpStart Kit® for Embedded Linux This royalty-free turnkey solution for embedded software development is based on the ThreadX Real-Time Operating System (RTOS), one of the most reliable and field-proven RTOS solutions available. In addition to ThreadX, NET+OS provides the integrated building blocks needed to create product solutions with leading network security using Digi embedded modules and microprocessors. For professional NET+OS software development, the Eclipse based Digi ESP™ Integrated Development Environment (IDE) with graphical user interface and high-speed USB 2.0 hardware debugger is provided out-of-the-box. • Royalty-freeturnkeysolutionforembeddedsoftwaredevelopment • Builtonfield-provenandcompactThreadXRTOS • Fullyintegratedsupportforsecure,IPv4/IPv6networkingapplications • ProfessionalsoftwaredevelopmentusingWindows-basedDigiESPIDE BuiltaroundastandardLinux2.6kerneldistribution,theDigiJumpStartKitfor Embedded Linux is tailored to the specific needs of embedded Linux development and provides an easy-to-use, complete off-the-shelf embedded development platform. It includes all components that are required to build secure network-enabled products based on the Digi Connect ME 9210 family. The kit includes Digi ESP™ for Embedded Linux, a powerful and fully Linux-hosted Integrated Development Environment based on the open Eclipse™ framework. Ideal for new and experienced Linux developers, Digi ESP improves software design productivity by accelerating and greatly simplifying driver and application development through a user-friendly graphical interface. • Off-the-shelfdevelopmentplatformfornetwork-enabledembeddedsystems • Royalty-freeandwithoptimized2.6kernelandservicessupport • LinuxDigiESPIDEforacceleratedsoftwaredevelopment • FullLinuxandDigiBSPsourcecodeincluded Development Kits Digi JumpStart Kits® Contents Software Platform NET+OS Embedded Linux Module DigiConnectME9210orDigiConnectWi-ME9210w/8MBFlash,16MBSDRAM Development Board 1 RS-232 serial port, GPIO configuration switches, screw terminal for GPIO signals, prototyping area, status LEDs (serial,GPIO,power),logicsignalheader,testpoints,resetbutton,user/wake-upbuttons,PoEmoduleheader, 9-30VDCpowersupply,JTAGheaderandRS-232console/debugportforJTAG-equippedmodules CD/DVD Digi NET+OS CD: NET+OS 7, Digi ESP IDE, BSP source code, sample code, Green Hills MULTI IDE support files, user documentation DigiEmbeddedLinux4DVD: Digi Embedded Linux, Digi ESP IDE, Linux and platform specific source code, Universal boot loader source code (U-Boot), sample code, documentation Documentation Quick start guide, Digi ESP tutorial, NET+OS porting guide, NET+OSAPIdocumentation,AdvancedWebServer,hardware reference manual, development board schematics Quick start guide, Digi Embedded Linux user’s guide, hardware reference manual, development board schematics Power Supplies and Accessories Externalwallpowersupply(110/240VAC)withinterchangeableoutletadapters (NorthAmerica,EU,UK,andAustralia),crossoverserialcable,Ethernetcable Other DigiJTAGLinkUSB2.0hardwaredebugger N/A Kit Part Numbers Ethernet Only DC-ME-9210-NET DC-ME-9210-LX WLAN + Ethernet DC-WME-9210-NET DC-WME-9210-LX Please refer to the feature specs on our website for detailed information about the specific software platform capabilities. Digi Connect ME kits shown |