| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PACAC97R bảng dữ liệu(PDF) 3 Page - California Micro Devices Corp |
|
|
|||||||||||||||||||||||||||||
PACAC97R bảng dữ liệu(HTML) 3 Page - California Micro Devices Corp |
|
3 / 4 page ![]() © 2000 California Micro Devices Corp. All rights reserved. 9/27/2000 3 PACAC97 CALIFORNIA MICRO DEVICES 215 Topaz Street, Milpitas, California 95035 Tel: (408) 263-3214 Fax: (408) 263-7846 www.calmicro.com Figure 2 shows a crosstalk measurement of Left to Right channel for the gain setting resistors of the headphone amplifier (referred to as AMP1 and AMP2). The IN2 (output from Codec) and the AMP_OUT2 pin (pins 23 and 25) are driven by a 2Vrms source. The AMP_OUT1 is terminated by a 10K Ω resistor while the IN1 pin is Figure 2*. terminated with a 1K Ω resistor which represents the output impedance of the LINE_OUT output of the Codec. Pins 5, 7, 22 and 24, on the device are grounded. Crosstalk measured over the audio band of 20Hz to 20KHz is in excess of –90dB. 510 Ω 100 Ω 10K Ω 6.8K Ω 6.8K Ω 5,7,22 TP2 18 MIC_AMP_OUT 2Vms AC97CD_R 6 AC97MIC 8 17 TP1 10K Ω GND GND GND GND GND Figure 1*. 10K Ω 33K Ω 22K Ω 33K Ω 22K Ω 26 25 24 23 5, 7, 22 27 28 1K Ω 2Vms 2Vms GND GND GND GND Figure 1 shows a cross talk measurement of the micro- phone to the Right Codec CD signal. The microphone amplifier output pin (pin 18) is driven with a 2Vrms signal. The Right CD Codec signal is terminated by a 10K Ω load resistor while pins 5,7,17 and 22 on the device are grounded. Crosstalk measured over the audio band of 20Hz–20KHz is in excess of –90dB. Channel-to-Channel Crosstalk: Microphone CD Inter-channel Crosstalk: AMP2-AMP1 (LINE_OUT) |