công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS9LPR502SGLFT bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện ICS9LPR502SGLFT
Giải thích chi tiết về linh kiện  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ICS9LPR502SGLFT bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS9LPR502SGLFT Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS9LPR502SGLFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1125E—02/26/09
Advance Information
ICS9LPRS502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
5
SSOP/TSSOP Pin Description (Continued)
Fully Integrated Regulator Connection for Desktop/Mobile Applications
PIN #
PIN NAME
TYPE
DESCRIPTION
48
CK_PWRGD/PD#
IN
Notifies CK505 to sample latched inputs, or iAMT entry/exit, or PWRDWN# mode
49
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical characteristics for Vil_FS
and Vih_FS values. TEST_MODE is a real time input to select between Hi-Z and REF/N divider
mode while in test mode. Refer to Test Clarification Table.
50
GNDREF
PWR
Ground pin for crystal oscillator circuit
51
X2
OUT
Crystal output, nominally 14.318MHz.
52
X1
IN
Crystal input, Nominally 14.318MHz.
53
VDDREF
PWR
Power pin for the REF outputs, 3.3V nominal.
54
REF0/FSLC/TEST_SEL
I/O
3.3V 14.318MHz reference clock/3.3V tolerant low threshold input for CPU frequency selection.
Refer to input electrical characteristics for Vil_FS and Vih_FS values/ TEST_SEL: 3-level latched
input to enable test mode. Refer to Test Clarification Table.
55
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
56
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
1.05V to 3.3V
(+/-5%)
NC
PIN 40
CPU_IO Decoupling
Network
96_IO Decoupling
Network
ICS9LPR502
ICS9LPRS502
VDDCPU_IO, Pin 41
VDDSRC_IO Pin 37, 26
VDDPLL3_IO, Pin 20
VDD96_IO, Pin 12
PLL3_IO Decoupling
Network
SRC_IO Decoupling
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com