công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD1022SS bảng dữ liệu(PDF) 16 Page - LDT Co., Ltd

tên linh kiện LD1022SS
Giải thích chi tiết về linh kiện  16 Channel Constant Current LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LDT [LDT Co., Ltd]
Trang chủ  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1022SS bảng dữ liệu(HTML) 16 Page - LDT Co., Ltd

Back Button LD1022SS Datasheet HTML 12Page - LDT Co., Ltd LD1022SS Datasheet HTML 13Page - LDT Co., Ltd LD1022SS Datasheet HTML 14Page - LDT Co., Ltd LD1022SS Datasheet HTML 15Page - LDT Co., Ltd LD1022SS Datasheet HTML 16Page - LDT Co., Ltd LD1022SS Datasheet HTML 17Page - LDT Co., Ltd LD1022SS Datasheet HTML 18Page - LDT Co., Ltd LD1022SS Datasheet HTML 19Page - LDT Co., Ltd LD1022SS Datasheet HTML 20Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Ver1.0
16
LD1022
16 Channel Constant Current LED Driver
PACKAGE POWER DISSIPATION( PD )
The LD1022 provides many package types such as 24-SOP package and 24-SSOP package. The
maximum allowable package power dissipation is determined as PD(max) = (Tj – Ta) / R_Theta_JA. When
16 output channels are turned on simultaneously, the actual power dissipation of package is PD(act) =
(IDD x VDD) + (IOUT x Duty x VOUT x 16). Therefore, to keep that PD(act) is less than PD(max).
The maximum allowable output current as a function of duty cycle is:
Iout vs Duty (24-SOP)
0
5
10
15
20
25
30
35
40
45
Duty
Ta = 85
Ta = 70
Ta = 55
Ta = 25
( R_Theta_JA = 75C/W )
Iout vs Duty (24-SSOP)
0
5
10
15
20
25
30
35
40
45
Duty
Ta = 85
Ta = 70
Ta = 55
Ta = 25
( R_Theta_JA = 85C/W )
IOUT = {[(Tj – Ta) / R_Theta_JA] – (IDD x VDD)} / VOUT / Duty / 16 where Tj =150C
Package Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (C)
24SOP
24SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26