công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLS5S-X0 bảng dữ liệu(PDF) 2 Page - PANDUIT CORP.

tên linh kiện HLS5S-X0
Giải thích chi tiết về linh kiện  Product Bulletin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HLS5S-X0 bảng dữ liệu(HTML) 2 Page - PANDUIT CORP.

  HLS5S-X0 Datasheet HTML 1Page - PANDUIT CORP. HLS5S-X0 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PANDUIT CORP.
Tinley Park, Illinois 60477-3091
Customer Service: 800-777-3300
Technical Support: 866-405-6660
Email: ctinfo@panduit.com
Internet: www.panduit.com/eg
PANDUIT CANADA
Markham, Ontario
Phone: 800-777-3300
SA101N308B-WC
10/2002
For a copy of PANDUIT product warranties,
log on to www.panduit.com/warranty
For a full line catalog, contact Customer Service
and ask for SA101N275C-WC.
Contact your local authorized PANDUIT
distributor for pricing. For your local
Sales Office call 800-777-3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44 208-601-7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: (65) 6379 6700
PANDUIT JAPAN
Tokyo, Japan
Phone (81) (3) 3767-7011
PANDUIT LATIN AMERICA
Jalisco, Mexico
Phone: (52) 3 666-2501
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: (61) 3-9794 9020
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
© PANDUIT Corp.
ALL RIGHTS RESERVED Printed in U.S.A.
PANDUIT ® TAK-TY ® Hook & Loop Cable Ties
HLC Series
Part Number
Length
A
In. (mm)
Width
B
In. (mm)
Thickness
In. (mm)
Head
Width
C
In. (mm)
Min.
Bundle
Dia.
In. (mm)
Max.
Bundle
Dia.
In. (mm)
Min. Loop
Tensile
Strength*
Lbs. (N)
Packaging**
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Cinch Ties - Cinch ring provides extra strength and bundle tightness
HLC3S-X0
12.0 (305)
.75 (19)
.10 (2.5)
1.10 (27.9)
2.0 (51)
3.0 (76)
50 (222)
10
100
HLC5S-X0
18.0 (457)
.75 (19)
.10 (2.5)
3.0 (76)
5.0 (127)
10
100
Pass hook portion through plastic
cinch ring. Pull end of tie against
ring to tension. Secure hook portion
against loop portion of tie body to
fasten. Available in black only.
HLT, HLM and HLS styles are hook
on one side and loop on the other
so they adhere to themselves.
Wrap around bundle and secure
end of tie on the body.
HLTP/HLSP style is U. L. Listed for
use in air handling spaces per
NEC Section 300-22 (c) and (d)
and is UL94V-2 flame rated.
HLT & HLTP Series
Loop Ties - Slot allows for pre-wrapping of bundles
HLT2I-X0
8.0 (203)
.50 (12.7) .10 (2.5) 1.00 (25.4)
.25 (6)
1.9 (48)
40 (178)
10
100
HLTP2I-X12
10
100
HLT3I-X0
12.0 (305)
3.2 (81)
40 (178)
10
100
HLTP3I-X12
10
100
HLM, HLS & HLSP Series
* Minimum 2" overlap required to achieve loop tensile rating (HLC, HLT, HLS, HLM series).
* Minimum 1" overlap required to achieve UL Listed Rated Load (HLSP series). -0 (Black) rated 18 lbs (80N)
* Minimum1.5" overlap required to achieve UL Listed Rated Load (HLTP series). -0 (Black) rated 18 lbs (80N)
**Order number of pieces required in multiples of packaging quantities.
Strip Ties - Rolls Perforated in Convenient 6", 12" and 18" strips
HLS1.5S-X0
6.0 (152)
.75 (19)
.10 (2.5)
—
.25 (6)
1.5 (38)
50 (222)
10
100
HLSP1.5S-X12
—
10
100
HLS3S-X0
12.0 (305)
.75 (19)
.10 (2.5)
—
.25 (6)
3.2 (81)
50 (222)
10
100
HLSP3S-X12
—
10
100
HLS5S-X0
18.0 (457)
.75 (19)
.10 (2.5)
—
.25 (6)
5.0 (127)
50 (222)
10
100
HLSP5S-X12
—
10
100
15' & 75' Rolls - Can be cut to desired length, eliminating waste
HLM-15R0
180.0 (4572)
.33 (8.4)
.10 (2.5)
—
.25 (6)
Various
18 (80)
1
10
HLS-15R0
180.0 (4572)
.75 (19)
.10 (2.5)
—
.25 (6)
Various
50 (222)
1
10
HLS-75R0
900.0 (22,860) .75 (19)
.10 (2.5)
—
.25 (6)
Various
50 (222)
1
10
HLSP/HLTP Series
available in black and
maroon only.
Color Chart
Color
Part No.
Suffix
Black
-0
Red
-2
Orange
-3
Yellow
-4
Green
-5
Blue
-6
Gray
-8
White
-10
Maroon
-12
C
A REF.
B
LOOP
HOOK
A REF.
B
C
X-Out for #10
Truss Head Screw
A REF.
B



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com