công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7248AAP bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7248AAP
Giải thích chi tiết về linh kiện  LC2MOS 12-Bit DACPORTs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7248AAP bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7248AAP Datasheet HTML 1Page - Analog Devices AD7248AAP Datasheet HTML 2Page - Analog Devices AD7248AAP Datasheet HTML 3Page - Analog Devices AD7248AAP Datasheet HTML 4Page - Analog Devices AD7248AAP Datasheet HTML 5Page - Analog Devices AD7248AAP Datasheet HTML 6Page - Analog Devices AD7248AAP Datasheet HTML 7Page - Analog Devices AD7248AAP Datasheet HTML 8Page - Analog Devices AD7248AAP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7245A/AD7248A
REV. B
–5–
AD7245A PIN FUNCTION DESCRIPTIONS
(DIP PIN NUMBERS)
Pin
Mnemonic Description
lVSS
Negative Supply Voltage (0 V for single
supply operation).
2ROFS
Bipolar Offset Resistor. This provides
access to the on-chip application resistors
and allows different output voltage ranges.
3
REF OUT
Reference Output. The on-chip reference
is provided at this pin and is used when
configuring the part for bipolar outputs.
4
AGND
Analog Ground.
5
DB11
Data Bit 11. Most Significant Bit (MSB).
6–11
DB10–DB5 Data Bit 10 to Data Bit 5.
12
DGND
Digital Ground.
13–16 DB4–DB1
Data Bit 4 to Data Bit 1.
17
DB0
Data Bit 0. Least Significant Bit (LSB).
18
CS
Chip Select Input (Active LOW). The
device is selected when this input is active.
Pin
Mnemonic
Description
19
WR
Write Input (Active LOW). This is used in
conjunction with
CS to write data into the
input latch of the AD7245A.
20
LDAC
Load DAC Input (Active LOW). This is
an asynchronous input which when active
transfers data from the input latch to the
DAC latch.
21
CLR
Clear Input (Active LOW). When this
input is active the contents of the DAC
latch are reset to all 0s.
22
VDD
Positive Supply Voltage.
23
RFB
Feedback Resistor. This allows access to
the amplifier’s feedback loop.
24
VOUT
Output Voltage. Three different output
voltage ranges can be chosen: 0 V to 5 V,
0 V to 10 V or –5 V to +5 V.
AD7245A PIN CONFIGURATIONS
DIP and SOIC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD7245A
TOP VIEW
(NOT TO SCALE)
VSS
ROFS
REF OUT
AGND
(MSB) DB11
DB10
DB9
DB8
DB7
DB6
DB5
DGND
DB4
DB3
DB2
DB1
DB0 (LSB)
CS
WR
LDAC
CLR
VDD
RFB
VOUT
LCCC
4
3
2
1 28 27 26
5
6
7
8
9
10
11
25
24
23
22
21
20
19
12 13 14 15 16 17 18
AGND
DB11
DB10
NC
DB9
DB8
DB7
CLR
LDAC
WR
NC
CS
DB0
DB1
NC = NO CONNECT
AD7245A
TOP VIEW
(NOT TO SCALE)
PLCC
1
2
3
4
5
6
7
AGND
DB11
DB10
NC
DB9
DB8
DB7
25
24
23
22
21
20
19 DB1
DB0
CS
NC
WR
LDAC
CLR
18
17
16
15
14
13
12
AD7245A
TOP VIEW
(NOT TO SCALE)
NC = NO CONNECT
8
9
10
11
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com