| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD040QX2 bảng dữ liệu(PDF) 21 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD040QX2 bảng dữ liệu(HTML) 21 Page - AZ Displays |
|
21 / 34 page ![]() PD040QX2 The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc. PAGE:21 11.AC Characteristics 11-1) SPI timing characteristics 11-2) Digital Parallel RGB interface (sync mode) PARAMETER Symbol Min. Spec. Typ. Max. Unit CLK frequency FCPH 5.79 6.43 7.07 MHz CLK period TCPH 141.44 155.62 172.71 ns CLK pulse duty TCWH 40 50 60 % HS period TH 393 408 458 TCPH HS pulse width TWH 5 30 - TCPH HS-first horizontal data time THS 36 68 99 TCPH Horizontal active data area THA - 320 - TCPH VS pulse width TWV 1 3 5 TH First Line Data input NTSC time PAL TSTV TSTV - - 18 26 - - TH TH NTSC PAL TV TV 252.5 / 252 302.5 / 302 262.5 / 262 312.5 / 312 272.5 / 272 322.5 / 322 TH TH Note: When SYNC mode is used, 1st data start from 68th CLK after HS falling (when STHD[5:0]=00000) (DE mode) PARAMETER Symbol Min. Spec. Typ. Max. Unit CLK frequency FCPH 5.79 6.43 7.07 MHz CLK period TCPH 141.44 155.62 172.71 ns CLK pulse duty TCWH 40 50 60 % DEN period TDEN 393 408 458 TCPH DEN pulse width TEP - 320 - TCPH DEN frame active NTSC time PAL TDEA - - 240 280 - - TDEN VS period P-511-638(V:3) |