công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRS-A330ST02-R1 bảng dữ liệu(PDF) 19 Page - Murata Manufacturing Co., Ltd.

tên linh kiện IRS-A330ST02-R1
Giải thích chi tiết về linh kiện  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A330ST02-R1 bảng dữ liệu(HTML) 19 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A330ST02-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
For Reference Only 19/20
株 式 会 社
村 田 製 作 所
13-2 保管および使用時
13-2 Notice in handling and storage
1) 当センサの光学フィルタを汚したり、傷をつけないで下さい。
Optical filter of sensor should not be scratched or soiled.
2) センサ本体、および、端子部に強い衝撃を与えないで下さい。
Strong shock should be avoided.
3)
静電気や、強い電磁波等のある場所で保管しないで下さい。
Electrostatics and strong electromagnetic field should be avoided.
4)
端子を、導電性のテーピングエンボスから外した状態で保管しないで下さい。
Sensor should be kept on conductive sponge.
5)
高温、多湿、塵埃の多い場所、液体中(水、有機溶媒等)、腐蝕性ガス(亜硫
酸ガス、窒素酸化物ガス等)及び、潮風の存在する場所で保管しないで下さい。
High temperature, high humidity, fluid as water or alcohol etc., corrosive gas
( S02, Cl2, NOX etc.) and sea breeze should be avoided.
6)
保管環境は、周囲温度-10~40℃、相対湿度15~95%とし、納入後6ヶ月以内
にご使用下さい。
Use the products within 6 months after receiving.
13-3 実装時
13-3 Notice in mounting
1)はんだ付け後の洗浄は行わないでください。また光学フィルタに汚れが付着しな
いようにして下さい。光学フィルタの汚れは誤動作の原因となります。
Please follow soldering conditions described in the specification. This product
can permanently stop operating if the piezoelectric(pyroelectric) characteristic is
decreased due to excessive heating.
2)当製品は、一度でも限度を超えた高温状態になると、特性を失い機能しなくなり
ます。当納入仕様書記載の条件を越えた温度が加わらないように実装してくださ
い。
Cleaning after reflow soldering should not be applied.
Optical filter of sensor should not be soiled because it may cause failure or
malfunction.
14.
お願い(
Note)
1) ご使用に際しては、御社製品に実装された状態で必ず評価・確認を行ってくだ
さい。
Please make sure that your product has been evaluated in view of your
specifications with our product being mounted to your product.
2) 当納入仕様書に記載された仕様は、御社と当社間で合意した使用目的・条件・



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com