| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WCR0201-RFA bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
WCR0201-RFA bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() General Purpose Surface Mounted Resistors WCR Series www.bitechnologies.com www.irctt.com www.welwyn-tt.com General Note TT electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT electronics’ own data and is considered accurate at time of going to print. © TT electronics plc 07.13 Ordering Procedure Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number: WCR1206-10KFI (1206, 10 kilohms ±1%, Pb-free) W C R 1 2 0 6 - 1 0 K F I 1 2 3 4 5 Note 1: For zero ohm jumper chips use the dummy value & tolerance code Note 2: AEC-Q200 grade on resistor chips is not available in 0201 size, and on zero ohm jumper chips it is not available in 0201, 0402 or 2512 sizes R005J USA (IRC) Part Number: WCR-WCR1206LF-1002FPLT (1206, 10 kilohms ±1%, Pb-free) W C R - W C R 1 2 0 6 L F 1 0 0 2 F P L T 1 2 3 4 5 6 7 Note: For zero ohm jumper chips use value & tolerance code R000J 1 2 3 4 5 Type Size Value1 Tolerance Grade / Packing WCR 0201 E24 = 3 characters F = ±1% I = Standard 0402 E96 = 4 characters 0201 20000/reel 0603 R = ohms 0402 10000/reel 0805 K = kilohms 0603, 0805, 1206, 1210 5000/reel 1206 M = megohms 1210 2010, 2512 4000/reel 2010 2512 1 2 3 4 5 6 7 Family Model Size Termination Value Tolerance Packing WCR WCR 0201 LF = Pb-free 3 digits + multiplier F = ±1% PLT = Paper Tape 0402 R = ohms for values <100 ohms 0201 20000/reel 0603 0402 10000/reel 0805 0603, 0805, 1206, 1210 5000/reel 1206 1210 2010 4000/reel 2010 ELT = Plastic Tape 2512 2512 4000/reel 1 A = AEC-Q200 grade Both grades use standard packing as follows: 2 |