công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE2021ACPS bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện TLE2021ACPS
Giải thích chi tiết về linh kiện  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2021ACPS bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TLE2021ACPS Datasheet HTML 18Page - Texas Instruments TLE2021ACPS Datasheet HTML 19Page - Texas Instruments TLE2021ACPS Datasheet HTML 20Page - Texas Instruments TLE2021ACPS Datasheet HTML 21Page - Texas Instruments TLE2021ACPS Datasheet HTML 22Page - Texas Instruments TLE2021ACPS Datasheet HTML 23Page - Texas Instruments TLE2021ACPS Datasheet HTML 24Page - Texas Instruments TLE2021ACPS Datasheet HTML 25Page - Texas Instruments TLE2021ACPS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
TLE2021 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLE2021M
TLE2021BM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
25°C
120
500
40
100
V
VIO
Input offset voltage
Full range
1000
200
μV
αVIO
Temperature coefficient of
input offset voltage
Full range
2
2
μV/°C
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25°C
0.006
0.006
μV/mo
I
Input offset current
VIC = 0,
RS = 50 Ω
25°C
0.2
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
nA
I
Input bias current
25°C
25
70
25
70
nA
IIB
Input bias current
Full range
90
90
nA
V
Common-mode input
R
50 Ω
25°C
−15
to
13.5
−15.3
to
14
−15
to
13.5
−15.3
to
14
V
VICR
Common mode input
voltage range
RS = 50 Ω
Full range
−15
to
13.2
−15
to
13.2
V
V
Maximum positive peak
25°C
14
14.3
14
14.3
V
VOM+
Maximum positive peak
output voltage swing
R
10 kΩ
Full range
13.8
13.8
V
V
Maximum negative peak
RL = 10 kΩ
25°C
−13.7 −14.1
−13.7 −14.1
V
VOM −
Maximum negative peak
output voltage swing
Full range
−13.6
−13.6
V
A
Large-signal differential
V
±10 V
R
10 kΩ
25°C
1
6.5
1
6.5
V/ V
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL = 10 kΩ
Full range
0.5
0.5
V/μV
CMRR
Common mode rejection ratio
V
V
min
R
50 Ω
25°C
100
115
100
115
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
96
96
dB
k
Supply-voltage rejection ratio
V
± 2 5 V to ±15 V
25°C
105
120
105
120
dB
kSVR
Supply voltage rejection ratio
(ΔVCC±/ΔVIO)
VCC± = ± 2.5 V to ±15 V
Full range
100
100
dB
I
Supply current
25°C
200
300
200
300
A
ICC
Supply current
VO = 0
No load
Full range
300
300
μA
ΔICC
Supply current change over
operating temperature range
VO = 0,
No load
Full range
10
10
μA
† Full range is −55°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation
and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com