| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP201701 bảng dữ liệu(PDF) 1 Page - Cherry Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
MP201701 bảng dữ liệu(HTML) 1 Page - Cherry Semiconductor Corporation |
|
|
1 / 1 page ![]() MAGNETIC REED SENSOR MP2017 Series Reed-based magnetic sensor encapsulated in smooth plastic housing Features Hermetically sealed for long life Resistant to moisture and dirt Suitable for DC and AC circuits Zero power consumption A standard magnetic actuator is available in the same housing (Part number AS201701) RoHS compliant Specifications Part Number Contact Form Power Rating (W max) Switching Voltage (AC/DC max) Breakdown Voltage (VDC min) Switching Current (Amps max) Contact Resistance (Ohms max) Operating Temp Range (°C) Operate Time (msec typical) MP201701 SPST-NO Form A 10 175 200 0.5 0.200 -40 to 105 1.0 MP201702 SPST-NC Form B 3 30 200 0.2 0.100 -40 to 105 1.0 MP201703 SPDT CO Form C 3 30 200 0.2 0.100 -40 to 105 1.0 Dimensions inches (mm) Operate Distance with AS201701 Magnetic Actuator Specifications subject to change without notice. Last Updated 083011 |
Số phần tương tự - MP201701 |
|
Mô tả tương tự - MP201701 |