| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FG256 bảng dữ liệu(PDF) 6 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
FG256 bảng dữ liệu(HTML) 6 Page - Actel Corporation |
|
6 / 108 page ![]() SX-A Family FPGAs 1- 2 v5.3 Logic Module Design The SX-A family architecture is described as a “sea-of- modules” architecture because the entire floor of the device is covered with a grid of logic modules with virtually no chip area lost to interconnect elements or routing. The Actel SX-A family provides two types of logic modules: the register cell (R-cell) and the combinatorial cell (C-cell). The R-cell contains a flip-flop featuring asynchronous clear, asynchronous preset, and clock enable, using the S0 and S1 lines control signals (Figure 1-2). The R-cell registers feature programmable clock polarity selectable on a register-by- register basis. This provides additional flexibility while allowing mapping of synthesized functions into the SX-A FPGA. The clock source for the R-cell can be chosen from either the hardwired clock, the routed clocks, or internal logic. The C-cell implements a range of combinatorial functions of up to five inputs (Figure 1-3). Inclusion of the DB input and its associated inverter function allows up to 4,000 different combinatorial functions to be implemented in a single module. An example of the flexibility enabled by the inversion capability is the ability to integrate a 3-input exclusive-OR function into a single C-cell. This facilitates construction of 9-bit parity-tree functions with 1.9 ns propagation delays. Module Organization All C-cell and R-cell logic modules are arranged into horizontal banks called Clusters. There are two types of Clusters: Type 1 contains two C-cells and one R-cell, while Type 2 contains one C-cell and two R-cells. Clusters are grouped together into SuperClusters (Figure 1-4 on page 1-3). SuperCluster 1 is a two-wide grouping of Type 1 Clusters. SuperCluster 2 is a two-wide group containing one Type 1 Cluster and one Type 2 Cluster. SX-A devices feature more SuperCluster 1 modules than SuperCluster 2 modules because designers typically require significantly more combinatorial logic than flip-flops. Figure 1-2 • R-Cell Figure 1-3 • C-Cell DQ DirectConnect Input CLKA, CLKB, Internal Logic HCLK CKS CKP CLR PRE Y Routed Data Input S0 S1 D0 D1 D2 D3 DB A0 B0 A1 B1 Sa Sb Y |