| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F7XISSSQTP bảng dữ liệu(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F7XISSSQTP bảng dữ liệu(HTML) 25 Page - Microchip Technology |
|
25 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 23 PIC16F7X 2.2.2.5 PIR1 Register The PIR1 register contains the individual flag bits for the peripheral interrupts. REGISTER 2-5: PIR1 REGISTER (ADDRESS 0Ch) Note: Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding enable bit or the global enable bit, GIE (INTCON<7>). User soft- ware should ensure the appropriate interrupt bits are clear prior to enabling an interrupt. R/W-0 R/W-0 R-0 R-0 R/W-0 R/W-0 R/W-0 R/W-0 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF bit 7 bit 0 bit 7 PSPIF(1): Parallel Slave Port Read/Write Interrupt Flag bit 1 = A read or a write operation has taken place (must be cleared in software) 0 = No read or write has occurred bit 6 ADIF: A/D Converter Interrupt Flag bit 1 = An A/D conversion is completed (must be cleared in software) 0 = The A/D conversion is not complete bit 5 RCIF: USART Receive Interrupt Flag bit 1 = The USART receive buffer is full 0 = The USART receive buffer is empty bit 4 TXIF: USART Transmit Interrupt Flag bit 1 = The USART transmit buffer is empty 0 = The USART transmit buffer is full bit 3 SSPIF: Synchronous Serial Port (SSP) Interrupt Flag 1 = The SSP interrupt condition has occurred, and must be cleared in software before returning from the Interrupt Service Routine. The conditions that will set this bit are: SPI A transmission/reception has taken place. I2C Slave A transmission/reception has taken place. I2C Master A transmission/reception has taken place. The initiated START condition was completed by the SSP module. The initiated STOP condition was completed by the SSP module. The initiated Restart condition was completed by the SSP module. The initiated Acknowledge condition was completed by the SSP module. A START condition occurred while the SSP module was IDLE (multi-master system). A STOP condition occurred while the SSP module was IDLE (multi-master system). 0 = No SSP interrupt condition has occurred bit 2 CCP1IF: CCP1 Interrupt Flag bit Capture mode: 1 = A TMR1 register capture occurred (must be cleared in software) 0 = No TMR1 register capture occurred Compare mode: 1 = A TMR1 register compare match occurred (must be cleared in software) 0 = No TMR1 register compare match occurred PWM mode: Unused in this mode bit 1 TMR2IF: TMR2 to PR2 Match Interrupt Flag bit 1 = TMR2 to PR2 match occurred (must be cleared in software) 0 = No TMR2 to PR2 match occurred bit 0 TMR1IF: TMR1 Overflow Interrupt Flag bit 1 = TMR1 register overflowed (must be cleared in software) 0 = TMR1 register did not overflow Note 1: PSPIF is reserved on 28-pin devices; always maintain this bit clear. Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR reset ’1’ = Bit is set ’0’ = Bit is cleared x = Bit is unknown |