| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F7XISPSQTP bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F7XISPSQTP bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 174 page ![]() PIC16F7X DS30325B-page 14 2002 Microchip Technology Inc. FIGURE 2-2: PIC16F77/76 REGISTER FILE MAP Indirect addr.(*) TMR0 PCL STATUS FSR PORTA PORTB PORTC PCLATH INTCON PIR1 TMR1L TMR1H T1CON TMR2 T2CON SSPBUF SSPCON CCPR1L CCPR1H CCP1CON OPTION_REG PCL STATUS FSR TRISA TRISB TRISC PCLATH INTCON PIE1 PCON PR2 SSPSTAT 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch 8Dh 8Eh 8Fh 90h 91h 92h 93h 94h 95h 96h 97h 98h 99h 9Ah 9Bh 9Ch 9Dh 9Eh 9Fh 20h A0h 7Fh FFh Bank 0 Bank 1 Unimplemented data memory locations, read as ’0’. * Not a physical register. Note 1: These registers are not implemented on 28-pin devices. File Address Indirect addr.(*) Indirect addr.(*) PCL STATUS FSR PCLATH INTCON PCL STATUS FSR PCLATH INTCON 100h 101h 102h 103h 104h 105h 106h 107h 108h 109h 10Ah 10Bh 10Ch 10Dh 10Eh 10Fh 110h 111h 112h 113h 114h 115h 116h 117h 118h 119h 11Ah 11Bh 11Ch 11Dh 11Eh 11Fh 180h 181h 182h 183h 184h 185h 186h 187h 188h 189h 18Ah 18Bh 18Ch 18Dh 18Eh 18Fh 190h 191h 192h 193h 194h 195h 196h 197h 198h 199h 19Ah 19Bh 19Ch 19Dh 19Eh 19Fh 120h 1A0h 17Fh 1FFh Bank 2 Bank 3 Indirect addr.(*) PORTD(1) PORTE(1) TRISD(1) TRISE(1) TMR0 OPTION_REG PIR2 PIE2 RCSTA TXREG RCREG CCPR2L CCPR2H CCP2CON ADRES ADCON0 TXSTA SPBRG ADCON1 General Purpose Register General Purpose Register General Purpose Register General Purpose Register 1EFh 1F0h accesses 70h - 7Fh EFh F0h accesses 70h-7Fh 16Fh 170h accesses 70h-7Fh General Purpose Register General Purpose Register TRISB PORTB 96 Bytes 80 Bytes 80 Bytes 80 Bytes 16 Bytes 16 Bytes PMDATA PMADR PMCON1 PMDATH PMADRH File Address File Address File Address SSPADD |