công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3015MPQ bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LT3015MPQ
Giải thích chi tiết về linh kiện  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3015MPQ bảng dữ liệu(HTML) 3 Page - Linear Technology

  LT3015MPQ Datasheet HTML 1Page - Linear Technology LT3015MPQ Datasheet HTML 2Page - Linear Technology LT3015MPQ Datasheet HTML 3Page - Linear Technology LT3015MPQ Datasheet HTML 4Page - Linear Technology LT3015MPQ Datasheet HTML 5Page - Linear Technology LT3015MPQ Datasheet HTML 6Page - Linear Technology LT3015MPQ Datasheet HTML 7Page - Linear Technology LT3015MPQ Datasheet HTML 8Page - Linear Technology LT3015MPQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3015
3
3015f
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3015EDD#PBF
LT3015EDD#TRPBF
LFXS
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3015IDD#PBF
LT3015IDD#TRPBF
LFXS
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3015EMSE#PBF
LT3015EMSE#TRPBF
3015
12-Lead Plastic MSOP
–40°C to 125°C
LT3015IMSE#PBF
LT3015IMSE#TRPBF
3015
12-Lead Plastic MSOP
–40°C to 125°C
LT3015MPMSE#PBF
LT3015MPMSE#TRPBF
3015
12-Lead Plastic MSOP
–55°C to 125°C
LT3015EQ#PBF
LT3015EQ#TRPBF
LT3015Q
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3015IQ#PBF
LT3015IQ#TRPBF
LT3015Q
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3015MPQ#PBF
LT3015MPQ#TRPBF
LT3015Q
5-Lead Plastic DD-Pak
–55°C to 125°C
LT3015ET#PBF
LT3015ET#TRPBF
LT3015T
5-Lead Plastic TO-220
–40°C to 125°C
LT3015IT#PBF
LT3015IT#TRPBF
LT3015T
5-Lead Plastic TO-220
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3015EDD
LT3015EDD#TR
LFXS
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3015IDD
LT3015IDD#TR
LFXS
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3015EMSE
LT3015EMSE#TR
3015
12-Lead Plastic MSOP
–40°C to 125°C
LT3015IMSE
LT3015IMSE#TR
3015
12-Lead Plastic MSOP
–40°C to 125°C
LT3015MPMSE
LT3015MPMSE#TR
3015
12-Lead Plastic MSOP
–55°C to 125°C
LT3015EQ
LT3015EQ#TR
LT3015Q
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3015IQ
LT3015IQ#TR
LT3015Q
5-Lead Plastic DD-Pak
–40°C to 125°C
LT3015MPQ
LT3015MPQ#TR
LT3015Q
5-Lead Plastic DD-Pak
–55°C to 125°C
LT3015ET
LT3015ET#TR
LT3015T
5-Lead Plastic TO-220
–40°C to 125°C
LT3015IT
LT3015IT#TR
LT3015T
5-Lead Plastic TO-220
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum IN Pin Voltage (Note 11) ILOAD = –0.5A
ILOAD = –1.5A
l
–1.75
–1.8
–2.3
V
ADJ Pin Voltage (Notes 2, 3)
VIN = –2.3V, ILOAD= –1mA
–30V < VIN < –2.3V, –1.5A < ILOAD < –1mA
l
–1.208
–1.196
–1.22
–1.22
–1.232
–1.244
V
V
Line Regulation (Note 2)
ΔVIN = –2.3V to –30V, ILOAD = –1mA
l
2.5
6
mV
Load Regulation (Note 2)
VIN = –2.3V, ΔILOAD = –1mA to –1.5A
VIN = –2.3V, ΔILOAD = –1mA to –1.5A
l
23.8
9
mV
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com