| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC1466A-B bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
DC1466A-B bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 4 page ![]() QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466 OCTAL 12-BIT DAC WITH INTERNAL REFERENCE 2 QUICK START PROCEDURE Connect DC1466 to a DC590 USB serial con- troller using the supplied 14 conductor ribbon cable. Connect DC590 to a host PC with a standard USB A/B cable. Run the evaluation software supplied with DC590 or download it from www.linear.com. The cor- rect control panel will be loaded automati- cally. Click the COLLECT button to begin outputting codes to the DACs and reading back the resulting output voltage for each DAC. Complete software documentation is avail- able from the Help menu item, as features may be added periodically. |