| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29GL01GS10DFIV010 bảng dữ liệu(PDF) 55 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS10DFIV010 bảng dữ liệu(HTML) 55 Page - SPANSION |
|
55 / 106 page ![]() October 9, 2013 S29GL_128S_01GS_00_08 GL-S MirrorBit® Family 55 Data She e t Table 5.26 State Transition Definitions (Sheet 1 of 2) Current State Command Transition Definition BLCK Table 5.8 Blank Check CER Table 5.8 Chip Erase Start CFI Table 5.18 ID (Autoselect) CFISR Table 5.18 ID (Autoselect) - Status Register Read DYB Table 5.25 DYB ASO DYBEXT Table 5.25 DYB ASO - Command Exit DYBSET Table 5.25 DYB ASO - Set DYBSR Table 5.25 DYB ASO - Status Register Read ER Table 5.8 Erase Enter ERSR Table 5.8 Erase - Status Register Read ERUL1 Table 5.8 Erase - Unlock Cycle 1 ERUL2 Table 5.8 Erase - Unlock Cycle 2 ES Table 5.9 Erase Suspended ESDYB Table 5.11 Erase Suspended - DYB ASO ESDYBEXT Table 5.11 Erase Suspended - DYB Command Exit ESDYBSET Table 5.11 Erase Suspended - DYB Set/Clear ESPG Table 5.12 Erase Suspended - Program ESPGSR Table 5.12 Erase Suspended - Program - Status Register Read ESPG1 Table 5.12 Erase Suspended - Word Program ESPS Table 5.13 Erase Suspended - Program Suspended ESPSR Table 5.13 Erase Suspended - Program Suspend ESPSSR Table 5.13 Erase Suspended - Program Suspend - Status Register Read ESPSUL1 Table 5.13 Erase Suspended - Program Suspend - Unlock 1 ESPSUL2 Table 5.13 Erase Suspended - Program Suspend - Unlock 2 ESR Table 5.9 Erase Suspend Request ESSR Table 5.9 Erase Suspended - Status Register Read ESUL1 Table 5.10 Erase Suspended - Unlock Cycle 1 ESUL2 Table 5.10 Erase Suspended - Unlock Cycle 2 ES_WB Table 5.12 Erase Suspended - Write to Buffer ES_WB_D Table 5.12 Erase Suspended - Write to Buffer Data LR Table 5.17 Lock Register LREXT Table 5.17 Lock Register - Command Exit LRPG Table 5.17 Lock Register - Program LRPG1 Table 5.17 Lock Register - Program Start LRSR Table 5.17 Lock Register - Status Register Read PBF Table 5.14 Page Buffer Full PG Table 5.14 Program PGSR Table 5.15 Program - Status Register Read PG1 Table 5.14 Word Program PP Table 5.22 Password ASO PPB Table 5.23 PPB PPBER Table 5.23 PPB - Erase PPBEXT Table 5.23 PPB - Command Exit PPBLB Table 5.24 PPB Lock Bit PPBLBEXT Table 5.24 PPB Lock Bit - Command Exit PPBLBSET Table 5.24 PPB Lock Bit - Set PPBLBSR Table 5.24 PPB Lock Bit - Status Register Read PPBPG Table 5.23 PPB - Program |