| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G3T25AH-R bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G3T25AH-R bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 6 page ![]() Series G3T Process Sealed Ultra-Miniature SMT Toggles www.nkk.com A45 A TYPICAL SWITCH DIMENSIONS Right Angle Mounting Single & Double Pole Upright Mounting with Bracket G3T12AP G3T22AB Single & Double Pole Upright Mounting G3T12AH Single Pole Double Pole Pad Layouts for Upright Mounting Upright Mounting with Bracket Right Angle Mounting Surface Mount Terminals Single Pole Double Throw Double Pole Double Throw (8.5) .335 (5.08) .200 Support Legs 4 5 6 (0.5) Typ .020 (7.6) .299 (3.8) .150 (9.0) .354 (0.1) .004 (1.5) .059 (0.7) .028 28° (1.7) Dia .067 (4.0) Dia .157 (0.25) Typ .010 (0.6) Typ .024 Slot (5.0) .197 1 2 3 4 5 6 (8.5) .335 (7.6) .299 (0.5) Typ .020 (0.6) Typ .024 Slot (5.0) .197 (3.8) .150 (9.0) .354 (0.1) .004 (1.5) .059 (0.7) .028 28° (1.7) Dia .067 (4.0) Dia .157 (0.25) Typ .010 (5.08) .200 Support Legs (3.8) .150 (1.2) Typ .047 4 5 6 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (7.6) .299 (3.8) .150 (1.2) Typ .047 4 5 6 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (7.6) .299 1 2 3 Slot (8.5) .335 (0.25) Typ .010 28° (1.7) Dia .067 (3.8) Typ .150 (2.54) Typ .100 (1.25) Typ .049 (11.0) .433 (0.5) Typ .020 (0.9) Typ .035 (0.55) .022 (9.0) .354 (3.8) .150 (1.5) .059 (4.0) Dia .157 (0.25) .010 6 54 (5.55) .219 (0.1) .004 635 24 1 (5.55) .219 (0.1) .004 (1.7) Typ .067 (0.635) .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (6.0) .236 Support Pads (5.08) .200 (1.7) Typ .067 (0.635) Typ .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (6.0) .236 1 2 3 (1.7) Typ .067 (3.8) .150 (1.1) Typ .043 (1.55) Typ .061 (0.635) .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 Support Pads (9.75) .384 (5.08) .200 (6.0) .236 (1.7) Typ .067 (3.8) .150 (1.1) Typ .043 (1.55) Typ .061 (0.635) Typ .025 (0.7) Typ .028 4 5 6 (2.54) Typ .100 (9.75) .384 (6.0) .236 1 2 3 (1.1) Typ .043 (3.8) .150 (1.7) Typ .067 (2.54) Typ .100 (0.635) .025 (0.7) Typ .028 (1.55) Typ .061 (3.0) .118 (9.75) .384 4 5 6 (1.1) Typ .043 (3.8) .150 (1.7) Typ .067 (1.27) Typ .050 (0.635) Typ .025 (0.7) Typ .028 (1.55) Typ .061 (3.0) .118 (9.75) .384 1 4 2 5 3 6 |