| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G13JVCF bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G13JVCF bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 4 page ![]() Series G Fully Illuminated Ultra-Miniature Toggles www.nkk.com A41 A PC TERMINALS P H V Straight Right Angle TYPICAL SWITCH DIMENSIONS Straight PC Right Angle PC 5 & 6 are LED terminals; 4 is a support pin on single color models & an LED terminal on bicolor models. G12JPC 5 & 6 are LED terminals; 4 is a support pin on single color models & an LED terminal on bicolor models. G12JHD Vertical PC 5 & 6 are LED terminals; 4 is a support pin on single color models & an LED terminal on bicolor models. G12JVCF Vertical (2.54) Typ .100 (2.6) .102 (2.54) Typ .100 (0.4) Dia Typ .016 (7.0) .276 (4.5) .177 (0.4) Dia Typ .016 (2.54) Typ .100 (7.0) .276 (4.5) .177 (2.54) Typ .100 (0.5) Typ .020 (4.5) .177 (7.0) .276 (0.5) Typ .020 (2.54) Typ .100 (2.54) Typ .100 (0.4) Dia Typ .016 Slot (4.5) .177 28° (1.7) Dia .067 (4.0) Dia .157 (0.4) Dia Typ .016 (3.8) .150 (2.6) .102 (7.0) .276 (1.6) .063 (2.54) Typ .100 4 5 6 1 2 3 (7.0) .276 (2.54) .100 (0.6) Dia Typ .024 (2.54) Typ .100 (2.54) .100 1 2 3 4 5 6 (0.6) Dia Typ .024 (2.54) Typ .100 (2.54) .100 12 3 45 6 (5.08) .200 (0.6) Dia Typ .024 (5.08) .200 (2.54) Typ .100 (2.54) .100 1 2 3 4 5 6 Slot (5.08) .200 (7.8) .307 (0.4) Dia Typ .016 (1.7) Dia .067 (4.0) Dia .157 (2.6) .102 (0.5) .020 (2.54) .100 (5.08) .200 (1.6) .063 (10.22) .402 (3.8) .150 28° 32 1 4 5 6 (0.4) .016 (4.9) .193 (0.4) Dia Typ .016 (7.0) .276 (2.54) Typ .100 (5.3) .209 (2.54) .100 (0.4) Dia Typ .016 Slot (2.6) .102 (0.5) Typ .020 (2.54) Typ .100 (1.6) .063 (3.8) .150 (1.0) .039 (5.08) .200 (12.76) .502 28° (1.7) Dia .067 (4.0) Dia .157 4 5 6 1 2 3 (7.4) .292 (2.54) .100 (4.5) .177 (0.4) Dia Typ .016 (0.4) .016 |