| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G23AP bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G23AP bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 4 page ![]() Series G Process Sealed Ultra-Miniature Toggles www.nkk.com A37 A P H V Straight Right Angle TYPICAL SWITCH DIMENSIONS Single & Double Pole Straight PC Single & Double Pole Right Angle PC On single pole models, locations 1 & 3 are for support pins. G19AP G19AH (2.54) Typ .100 (2.6) .102 (2.54) Typ .100 (0.4) Dia Typ .016 (7.0) .276 (4.5) .177 (0.4) Dia Typ .016 (2.54) Typ .100 (7.0) .276 (4.5) .177 (2.54) Typ .100 (0.5) Typ .020 (4.5) .177 (7.0) .276 (0.5) Typ .020 (2.54) Typ .100 (2.54) Typ .100 (0.4) Dia Typ .016 Single & Double Pole Vertical PC G22AV Slot (4.5) .177 28° (1.7) Dia .067 (4.0) Dia .157 (0.4) Dia Typ .016 (3.8) .150 (2.6) .102 (7.0) .276 (1.6) .063 (2.54) Typ .100 4 5 6 1 2 3 (7.0) .276 (2.54) .100 Slot (5.08) .200 (7.8) .307 (0.4) Dia Typ .016 (1.7) Dia .067 (4.0) Dia .157 (2.6) .102 (0.5) .020 (2.54) .100 (5.08) .200 (1.6) .063 (10.22) .402 (3.8) .150 32 1 4 5 6 (0.4) .016 (4.9) .193 (0.4) Dia Typ .016 (7.0) .276 (2.54) Typ .100 Slot (5.3) .209 (2.54) .100 (0.4) Dia Typ .016 28° (1.7) Dia .067 (4.0) Dia .157 (2.6) .102 (0.5) Typ .020 (2.54) Typ .100 (1.6) .063 (3.8) .150 (1.0) .039 (5.08) .200 (12.76) .502 4 5 6 1 2 3 (7.4) .292 (2.54) .100 (4.5) .177 (0.4) Dia Typ .016 (0.4) .016 (0.6) Dia Typ .024 (2.54) Typ .100 (2.54) .100 4 5 6 (0.6) Dia Typ .024 (2.54) Typ .100 (2.54) .100 1 2 3 4 5 6 (0.6) Dia Typ .024 (2.54) Typ .100 45 6 (5.08) .200 (0.6) Dia Typ .024 (2.54) Typ .100 (2.54) .100 12 3 45 6 (5.08) .200 (0.6) Dia Typ .024 (5.08) .200 (2.54) Typ .100 (2.54) .100 1 2 3 4 5 6 (0.6) Dia Typ .024 (5.08) .200 (2.54) Typ .100 (2.54) .100 4 5 6 CL Vertical 28° PC TERMINALS |