công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS68C429AMF1B/C bảng dữ liệu(PDF) 39 Page - ATMEL Corporation

tên linh kiện TS68C429AMF1B/C
Giải thích chi tiết về linh kiện  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF1B/C bảng dữ liệu(HTML) 39 Page - ATMEL Corporation

Back Button TS68C429AMF1B/C Datasheet HTML 35Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 36Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 37Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 38Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 39Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 40Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 41Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 42Page - ATMEL Corporation TS68C429AMF1B/C Datasheet HTML 43Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39
TS68C429A
2120A–HIREL–08/02
Figure 36. First FIFO Access
Preparation for
Delivery
Packaging
Microcircuits are prepared for delivery in accordance with MIL-I-38535 or DESC.
Certificate of Compliance Atmel offers a certificate of compliance with each shipment of parts, affirming the prod-
ucts are in compliance either with MIL-STD-883 or DESC and guaranteeing the
parameters not tested at temperature extremes for the entire temperature range.
Handling
MOS devices must be handled with certain precautions to avoid damage due to accu-
mulation of static charge. Input protection devices have been designed in the chip to
minimize the effect of this static buildup. However, the following handling practices are
recommended:
•
Devices should be handled on benches with conductive and grounded surfaces.
•
Ground test equipment, tools and operator.
•
Do not handle devices by the leads.
•
Store devices in conductive foam or carriers.
•
Avoid use of plastic, rubber, or silk in MOS areas.
•
Maintain relative humidity above 50 percent if practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43