| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
I2CCON bảng dữ liệu(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
I2CCON bảng dữ liệu(HTML) 53 Page - Microchip Technology |
|
53 / 210 page ![]() TABLE 5-1: NVM REGISTER MAP File Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All RESETS NVMCON 0760 WR WREN WRERR — — — —TWRI — PROGOP<6:0> 0000 0000 0000 0000 NVMADR 0762 NVMADR<15:0> uuuu uuuu uuuu uuuu NVMADRU 0764 — — — — — — — — NVMADR<23:16> 0000 0000 uuuu uuuu NVMKEY 0766 — — — — — — — —KEY<7:0> 0000 0000 0000 0000 Legend: u = uninitialized bit; — = unimplemented bit, read as ‘0’ Note: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |