công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I2CRCV bảng dữ liệu(PDF) 96 Page - Microchip Technology

tên linh kiện I2CRCV
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CRCV bảng dữ liệu(HTML) 96 Page - Microchip Technology

Back Button I2CRCV Datasheet HTML 92Page - Microchip Technology I2CRCV Datasheet HTML 93Page - Microchip Technology I2CRCV Datasheet HTML 94Page - Microchip Technology I2CRCV Datasheet HTML 95Page - Microchip Technology I2CRCV Datasheet HTML 96Page - Microchip Technology I2CRCV Datasheet HTML 97Page - Microchip Technology I2CRCV Datasheet HTML 98Page - Microchip Technology I2CRCV Datasheet HTML 99Page - Microchip Technology I2CRCV Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 210 page
background image
TABLE 13-1:
SPI1 REGISTER MAP
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
SPI1STAT
0220
SPIEN
—
SPISIDL
—
—
—
—
—
—
SPIROV
—
—
—
—SPITBF
SPIRBF 0000 0000 0000 0000
SPI1CON
0222
—
FRMEN
SPIFSD
—
DISSDO MODE16
SMP
CKE
SSEN
CKP
MSTEN
SPRE2
SPRE1
SPRE0
PPRE1
PPRE0
0000 0000 0000 0000
SPI1BUF
0224
Transmit and Receive Buffer
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More