| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23S09TESS bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09TESS bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 18 © 2009 Microchip Technology Inc. 1.6.3 INTERRUPT-ON-CHANGE CONTROL REGISTER The GPINTEN register controls the interrupt-on- change feature for each pin. If a bit is set, the corresponding pin is enabled for interrupt-on-change. The DEFVAL and INTCON registers must also be configured if any pins are enabled for interrupt-on-change. REGISTER 1-3: GPINTEN – INTERRUPT-ON-CHANGE PINS R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GPINT7 GPINT6 GPINT5 GPINT4 GPINT3 GPINT2 GPINT1 GPINT0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 GPINT7:GPINT0: General purpose I/O interrupt-on-change pins <7:0> 1 = Enable GPIO input pin for interrupt-on-change event 0 = Disable GPIO input pin for interrupt-on-change event Refer to INTCON and DEFVAL. |