| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23S09ESO bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09ESO bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 50 page ![]() © 2009 Microchip Technology Inc. DS22121B-page 23 MCP23009/MCP23S09 1.6.8 INTERRUPT FLAG REGISTER The INTF register reflects the interrupt condition on the port pins of any pin that is enabled for interrupts via the GPINTEN register. A ‘set’ bit indicates that the associated pin caused the interrupt. This register is ‘read only’. Writes to this register will be ignored. REGISTER 1-8: INTF – INTERRUPT FLAG REGISTER R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 INT7 INT6 INT5 INT4 INT3 INT2 INT1 INT0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 INT7:INT0: Reflects the interrupt condition on the port. Will reflect the change only if interrupts are enabled (GPINTEN) <7:0>. 1 = Pin caused interrupt 0 = Interrupt not pending |