| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP23009TEP bảng dữ liệu(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23009TEP bảng dữ liệu(HTML) 16 Page - Microchip Technology |
|
16 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 16 © 2009 Microchip Technology Inc. 1.6.1 I/O DIRECTION REGISTER Controls the direction of the data I/O. When a bit is set, the corresponding pin becomes an input. When a bit is clear, the corresponding pin becomes an output. REGISTER 1-1: IODIR – I/O DIRECTION REGISTER R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 IO7 IO6 IO5 IO4 IO3 IO2 IO1 IO0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 IO7:IO0: Controls the direction of data I/O <7:0> 1 = Pin is configured as an input 0 = Pin is configured as an output |