| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT6005A-2AC bảng dữ liệu(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT6005A-2AC bảng dữ liệu(HTML) 4 Page - ATMEL Corporation |
|
4 / 28 page ![]() AT6000(LV) Series 4 Each cell, in addition, provides the ability to route a signal on a 90 ° turn between the NS1 bus and EW1 bus and between the NS2 bus and EW2 bus. Express buses are not connected directly to cells, and thus provide higher speeds. They are the fastest way to cover long, straight-line distances within the array. Each express bus is paired with a local bus, so there are two express buses for every column and two express buses for every row of cells. Connective units, called repeaters, spaced every eight cells, divide each bus, both local and express, into segments spanning eight cells. Repeaters are aligned in rows and columns thereby partitioning the array into 8 x 8 sectors of cells. Each repeater is associated with a local/express pair, and on each side of the repeater are connections to a local-bus segment and an express-bus segment. The repeater can be programmed to provide any one of twenty-one connecting functions. These functions are symmetric with respect to both the two repeater sides and the two types of buses. Among the functions provided are the ability to: • Isolate bus segments from one another • Connect two local-bus segments • Connect two express-bus segments • Implement a local/express transfer In all of these cases, each connection provides signal regeneration and is thus unidirectional. For bidirectional connections, the basic repeater function for the NS2 and EW2 repeaters is augmented with a special programmable connection allowing bidirectional communication between local-bus segments. This option is primarily used to imple- ment long, tristate buses. The Cell Structure The Atmel cell (Figure 4) is simple and small and yet can be programmed to perform all the logic and wiring functions needed to implement any digital circuit. Its four sides are functionally identical, so each cell is completely symmetrical. Read/write access to the four local buses – NS1, EW1, NS2 and EW2 – is controlled, in part, by four bidirectional pass gates connected directly to the buses. To read a local bus, the pass gate for that bus is turned on and the three- input multiplexer is set accordingly. To write to a local bus, the pass gate for that bus and the pass gate for the associ- ated tristate driver are both turned on. The two-input multiplexer supplying the control signal to the drivers per- mits either: (1) active drive, or (2) dynamic tristating controlled by the B input. Turning between L NS1 and LEW1 or between L NS2 and LEW2 is accomplished by turning on the two associated pass gates. The operations of reading, writ- ing and turning are subject to the restriction that each bus can be involved in no more than a single operation. Figure 4. Cell Structure |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |