| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8413FPC bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8413FPC bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() Data Sheet DAC8412/DAC8413 Rev. G | Page 19 of 20 COMPLIANT TO JEDEC STANDARDS MO-047-AB CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 4 5 26 25 11 12 19 18 TOP VIEW (PINS DOWN) SQ 0.456 (11.582) 0.450 (11.430) 0.050 (1.27) BSC 0.048 (1.22) 0.042 (1.07) 0.048 (1.22) 0.042 (1.07) 0.495 (12.57) 0.485 (12.32) SQ 0.021 (0.53) 0.013 (0.33) 0.430 (10.92) 0.390 (9.91) 0.032 (0.81) 0.026 (0.66) 0.120 (3.04) 0.090 (2.29) 0.056 (1.42) 0.042 (1.07) 0.020 (0.51) MIN 0.180 (4.57) 0.165 (4.19) BOTTOM VIEW (PINS UP) 0.045 (1.14) 0.025 (0.64) R PIN 1 IDENTIFIER Figure 45. 28-Lead Plastic Leaded Chip Carrier [PLCC] (P-28) Dimensions shown in inches and (millimeters) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 28 114 15 0.610 (15.49) 0.500 (12.70) 0.005 (0.13) MIN 0.100 (2.54) MAX 0.620 (15.75) 0.590 (14.99) 0.018 (0.46) 0.008 (0.20) SEATING PLANE 0.225(5.72) MAX 1.490 (37.85) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.015 (0.38) MIN 0.026 (0.66) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 15° 0° PIN 1 Figure 46. 28-Lead Ceramic Dual In-Line Package [CERDIP] (Q-28-2) Dimensions shown in inches and (millimeters) |