công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS2323-4PI bảng dữ liệu(PDF) 11 Page - ATMEL Corporation

tên linh kiện AT90LS2323-4PI
Giải thích chi tiết về linh kiện  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323-4PI bảng dữ liệu(HTML) 11 Page - ATMEL Corporation

Back Button AT90LS2323-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 9Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 10Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 11Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 12Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 13Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 14Page - ATMEL Corporation AT90LS2323-4PI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
11
AT90S/LS2323/2343
1004D–09/01
SRAM Data Memory
Figure 9 shows how the AT90S2323/2343 Data Memory is organized.
Figure 9. SRAM Organization
The 224 data memory locations address the Register file, I/O memory and the data
SRAM. The first 96 locations address the Register file + I/O memory, and the next 128
locations address the data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Dis-
placement, Indirect, Indirect with Pre-decrement and Indirect with Post-increment. In the
register file, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data address space.
The Indirect with Displacement mode features 63 address locations reached from the
base address given by the Y- and Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-
increment, the address registers X, Y, and Z are used and decremented and
incremented.
The 32 general-purpose working registers, 64 I/O registers and the 128 bytes of data
SRAM in the AT90S2323/2343 are all directly accessible through all these addressing
modes.
Register File
Data Address Space
R0
$00
R1
$01
R2
$02
……
R29
$1D
R30
$1E
R31
$1F
I/O Registers
$00
$20
$01
$21
$02
$22
……
$3D
$5D
$3E
$5E
$3F
$5F
Internal SRAM
$60
$61
$62
…
$DD
$DE
$DF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com