| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT87F52-24PI bảng dữ liệu(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT87F52-24PI bảng dữ liệu(HTML) 13 Page - ATMEL Corporation |
|
13 / 22 page ![]() AT87F52 13 Programming Interface Every code byte in the QuickFlash array can be pro- grammed by using the appropriate combination of control signals. The write operation cycle is self-timed and once initiated, will automatically time itself to completion. All major programming vendors offer worldwide support for the Atmel microcontroller series. Please contact your local programming vendor for the appropriate software revision. QuickFlash Programming Modes Mode RST PSEN ALE/PROG EA/VPP P2.6 P2.7 P3.6 P3.7 Write Code Data H L 12V L H H H Read Code Data H L H H L L H H Write Lock Bit - 1 H L 12V H H H H Bit - 2 H L 12V H H L L Bit - 3 H L 12V H L H L Read Signature Byte H L H H L L L L |