| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90LS2333 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90LS2333 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation |
|
8 / 13 page ![]() AT90S/LS2333 and AT90S/LS4433 8 Notes: 1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers $00 to $1F only. $02 ($22) Reserved $01 ($21) Reserved $00 ($20) Reserved Register Summary (Continued) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |