| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A13AVAA bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A13AVAA bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 7 page ![]() Series A Process Sealed Subminiature Toggles www.nkk.com A10 A Vertical PC Single Pole Vertical PC Double Pole A12AV V Terminals V1 Terminals A22AV Right Angle PC Single Pole Right Angle PC Double Pole A12AH A22AH (5.0) .197 (6.0) .236 (0.3) .012 (9.8) .386 (5.08) .200 (0.3) Typ .012 (2.6) Dia .102 Slot (0.8) .031 (3.3) .131 (3.1) .122 (5.08) .200 (0.7) .028 (9.38) .369 (4.5) .177 (10.0) .394 (6.18) .243 1 2 3 (0.6) Dia Typ .024 (2.54) Typ .100 (5.08) .200 (0.8) Dia Typ .031 23 1 (2.54) Typ .100 (5.08) .200 6 45 23 1 (2.54) Typ .100 (0.8) Dia Typ .031 (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (5.08) .200 6 4 52 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 (5.0) .197 (0.4) .016 (6.0) .236 Slot (5.84) .230 (2.54) .100 (0.3) Typ .012 (0.7) Typ .028 (0.8) .031 (5.3) .208 (3.1) .122 (0.5) .020 (1.0) .039 (2.54) .100 (2.54) .100 (2.54) Typ .100 (10.0) .394 (4.5) .177 (14.46) .569 (2.6) Dia .102 26° CL 1 2 3 (10.2) .402 (0.6) Dia Typ .024 (1.0) .039 (5.08) .200 3 2 1 4 5 6 (10.0) .394 (0.6) Dia Typ .024 (2.54) Typ .100 (0.5) .020 (3.1) .122 (0.8) .031 (5.2) .205 (0.7) .028 (2.54) .100 (5.08) .200 (16.4) .646 (10.0) .394 (3.5) .138 (2.6) Dia .102 Slot (9.8) .386 (0.3) Typ .012 (5.08) .200 (5.0) .197 (6.0) .236 (0.4) .016 (10.2) .402 (5.08) .200 (0.6) Dia Typ .024 1 2 3 4 5 6 26° (2.6) Dia .102 (3.5) .138 (0.7) .028 (1.0) .039 (3.1) .122 (0.5) .020 (5.3) .208 (0.8) .031 (5.08) .200 (2.54) Typ .100 (10.0) .394 (18.95) .746 (6.0) .236 (5.0) .197 (0.4) Typ .016 Slot (0.3) Typ .012 (9.5) .374 (5.08) .200 26° TYPICAL SWITCH DIMENSIONS |