công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5601PEF0VLH6R bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5601PEF0VLH6R
Giải thích chi tiết về linh kiện  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLH6R bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLH6R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5601PEF0VLH6R Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
16
•
Clock frequency same as that used for e200z0h core
•
PWM outputs can operate as complementary pairs or independent channels
•
Can accept signed numbers for PWM generation
•
Independent control of both edges of each PWM output
•
Synchronization to external hardware or other PWM supported
•
Double buffered PWM registers
— Integral reload rates from 1 to 16
— Half cycle reload capability
•
Multiple ADC trigger events can be generated per PWM cycle via hardware
•
Write protection for critical registers
•
Fault inputs can be assigned to control multiple PWM outputs
•
Programmable filters for fault inputs
•
Independently programmable PWM output polarity
•
Independent top and bottom deadtime insertion
•
Each complementary pair can operate with its own PWM frequency and deadtime values
•
Individual software-control for each PWM output
•
All outputs can be programmed to change simultaneously via a “Force Out” event
•
PWMX pin can optionally output a third PWM signal from each submodule
•
Channels not used for PWM generation can be used for buffered output compare functions
•
Channels not used for PWM generation can be used for input capture functions
•
Enhanced dual-edge capture functionality
•
eDMA support with automatic reload
•
2 fault inputs
•
Capture capability for PWMA, PWMB, and PWMX channels not supported
1.5.25
eTimer
The MPC5602P includes one eTimer module which provides six 16-bit general purpose up/down timer/counter units with the
following features:
•
Clock frequency same as that used for the e200z0h core
•
Individual channel capability
— Input capture trigger
— Output compare
— Double buffer (to capture rising edge and falling edge)
— Separate prescaler for each counter
— Selectable clock source
— 0–100% pulse measurement
— Rotation direction flag (quad decoder mode)
•
Maximum count rate
— External event counting: max. count rate = peripheral clock/2
— Internal clock counting: max. count rate = peripheral clock
•
Counters are:
— Cascadable
— Preloadable
•
Programmable count modulo
•
Quadrature decode capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com