công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SF0150BA03095S bảng dữ liệu(PDF) 2 Page - API Technologies Corp

tên linh kiện SF0150BA03095S
Giải thích chi tiết về linh kiện  150 MHz SAW Filter 5.7 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APITECH [API Technologies Corp]
Trang chủ  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0150BA03095S bảng dữ liệu(HTML) 2 Page - API Technologies Corp

  SF0150BA03095S Datasheet HTML 1Page - API Technologies Corp SF0150BA03095S Datasheet HTML 2Page - API Technologies Corp SF0150BA03095S Datasheet HTML 3Page - API Technologies Corp SF0150BA03095S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150 MHz SAW Filter
5.7 MHz Bandwidth
Part Number SF0150BA03095S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0150BA03095S Rev A
11-Mar-2010
ECN 36650
Page 2 of 4
SPECIFICATION
Parameter
1
Min
Typ
Max
Units
Center Frequency (FC)
2
149.875
150.025
150.175
MHz
Insertion Loss
4
-
19.3
21
dB
1 dB Bandwidth
3
5.7
5.95
-
MHz
3 dB Bandwidth
3
6.1
6.42
-
dB
40 dB Bandwidth
3
-
7.95
8.3
dB
Stopband Rejection (25 to 135 MHz)
45
54
-
dB
Stopband Rejection (165 to 2000 MHz)
45
53
-
dB
Passband Amplitude Variation (Fc+/-2.75 MHz)
-
0.67
0.8
dB p-p
Passband Group Delay Variation (Fc+/-2.75 MHz)
5
-
115
150
ns p-p
Absolute Delay
-
1.81
2.0
us
Input and Output Return Loss(Fc+/-2.75 MHz)
5
-
1.3
1.8
:1
Source and Load Impedance
-
50
-
Ω
Ambient Temperature
-
25
-
°C
Notes:
1. All electrical specifications apply over the full operating temperature range and include allowance for
all manufacturing tolerance.
2. Defined as the mean of the 10 dB frequencies.
3. dB levels are taken to be relative to the insertion loss.
4. Measured at the maximum level (lowest insertion loss) of the response.
5. When matched as indicated below.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-45
85
˚C
Operating Temperature Range
-10
50
˚C
Input Power Level
-
20
dBm
D.C. Voltage between Each Terminal
-
15
V
ESD Level
Human Body Model: 1000 V
Machine Model: 200 V
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Required component tolerances: resistors +/-5%, inductors +/-2%, capacitors +/-5%
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
39
nH
Ls2 =
33
nH
Cp1 =
47
pF
Cp2 =
50
pF
Rp1 =
220
Ω
Rp2 =
130
Ω
10
5
All other pads
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com