công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP38693MP-3.3 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP38693MP-3.3
Giải thích chi tiết về linh kiện   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP38693MP-3.3 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LP38693MP-3.3 Datasheet HTML 1Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 2Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 3Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 4Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 5Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 6Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 7Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 8Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LP38691, LP38693
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VOUT + 1V, CIN = COUT = 10 µF, ILOAD = 10mA. Min/Max limits are specified through testing,
statistical correlation, or design.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
-2.0
2.0
VO
Output Voltage Tolerance
%VOUT
100 µA < IL < 0.5A
-4.0
4.0
VO + 1V ≤ VIN ≤ 10V
ΔVO/ΔVIN
Output Voltage Line Regulation(2)
VO + 0.5V ≤ VIN ≤ 10V
0.03
0.1
%/V
IL = 25mA
ΔVO/ΔIL
Output Voltage Load Regulation(3)
1 mA < IL < 0.5A
1.8
5
%/A
VIN = VO + 1V
(VO = 2.5V)
80
145
IL = 0.1A
430
725
IL = 0.5A
(VO = 3.3V)
65
110
VIN - VOUT
Dropout Voltage(4)
IL = 0.1A
mV
330
550
IL = 0.5A
(VO = 5V)
45
100
IL = 0.1A
250
450
IL = 0.5A
IQ
Quiescent Current
VIN ≤ 10V, IL =100 µA - 0.5A
55
100
VEN ≤ 0.4V, (LP38693 Only)
0.001
1
µA
IL(MIN)
Minimum Load Current
VIN - VO ≤ 4V
100
IFB
Foldback Current Limit
VIN - VO > 5V
350
mA
VIN - VO < 4V
850
PSRR
Ripple Rejection
VIN = VO + 2V(DC), with 1V(p-p) /
55
dB
120Hz Ripple
TSD
Thermal Shutdown Activation
160
(Junction Temp)
°C
TSD (HYST)
Thermal Shutdown Hysteresis
10
(Junction Temp)
en
Output Noise
BW = 10Hz to 10kHz
0.7
µV/
√Hz
VO = 3.3V
VO (LEAK)
Output Leakage Current
VO = VO(NOM) + 1V @ 10VIN
0.5
12
µA
VEN
Enable Voltage (LP38693 Only)
Output = OFF
0.4
Output = ON, VIN = 4V
1.8
V
Output = ON, VIN = 6V
3.0
Output = ON, VIN = 10V
4.0
IEN
Enable Pin Leakage (LP38693
VEN = 0V or 10V, VIN = 10V
-1
0.001
1
µA
Only)
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100mV of nominal value.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com